Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 27Page - Renesas Technology Corp HD64F36024 Datasheet HTML 28Page - Renesas Technology Corp HD64F36024 Datasheet HTML 29Page - Renesas Technology Corp HD64F36024 Datasheet HTML 30Page - Renesas Technology Corp HD64F36024 Datasheet HTML 31Page - Renesas Technology Corp HD64F36024 Datasheet HTML 32Page - Renesas Technology Corp HD64F36024 Datasheet HTML 33Page - Renesas Technology Corp HD64F36024 Datasheet HTML 34Page - Renesas Technology Corp HD64F36024 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 384 page
background image
Section 1 Overview
Rev. 4.00 Sep. 23, 2005 Page 5 of 354
REJ09B0025-0400
123
4
5
678
9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
P14/
IRQ0
P15
P16
P17/
IRQ3/TRGV
P73
P72/TXD_2
P71/RXD_2
P70/SCK3_2
PB3/AN3
PB2/AN2
PB1/AN1
PB0/AN0
P76/TMOV
P75/TMCIV
P74/TMRIV
P57/TXD_3*1
P56/RXD_3*1
P12/SCK3_3*1
P11
P10
P55/
WKP5/ADTRG
P54/
WKP4
P53/
WKP3
P52/
WKP2
H8/36014
Top view
Do not connect NC pins (these pins are not connected to the internal circuitry).
*1 The SCK3_3, RXD_3, and TXD_3 pins are not multiplexed in the H8/36014.
*2 Can also be used for the E7 or E8 emulator.
Notes:
Figure 1.3 Pin Arrangement (FP-48F, FP-48B, TNP-48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com