Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 99Page - Renesas Technology Corp HD64F36024 Datasheet HTML 100Page - Renesas Technology Corp HD64F36024 Datasheet HTML 101Page - Renesas Technology Corp HD64F36024 Datasheet HTML 102Page - Renesas Technology Corp HD64F36024 Datasheet HTML 103Page - Renesas Technology Corp HD64F36024 Datasheet HTML 104Page - Renesas Technology Corp HD64F36024 Datasheet HTML 105Page - Renesas Technology Corp HD64F36024 Datasheet HTML 106Page - Renesas Technology Corp HD64F36024 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 384 page
background image
Section 7 ROM
ROM3321A_000120030300
Rev. 4.00 Sep. 23, 2005 Page 77 of 354
REJ09B0025-0400
Section 7 ROM
The features of the 32-kbyte (4 kbytes of them are the control program area for E7 or E8) flash
memory built into the HD64F36024 and HD64F36014 are summarized below.
• Programming/erase methods
 The flash memory is programmed 128 bytes at a time. Erase is performed in single-block
units. The flash memory is configured as follows: 1 kbyte
× 4 blocks and 28 kbytes × 1
block. To erase the entire flash memory, each block must be erased in turn.
• Reprogramming capability
 The flash memory can be reprogrammed up to 1,000 times.
• On-board programming
 On-board programming/erasing can be done in boot mode, in which the boot program built
into the chip is started to erase or program of the entire flash memory. In normal user
program mode, individual blocks can be erased or programmed.
• Automatic bit rate adjustment
 For data transfer in boot mode, this LSI's bit rate can be automatically adjusted to match
the transfer bit rate of the host.
• Programming/erasing protection
 Sets software protection against flash memory programming/erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com