Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 102Page - Renesas Technology Corp HD64F36024 Datasheet HTML 103Page - Renesas Technology Corp HD64F36024 Datasheet HTML 104Page - Renesas Technology Corp HD64F36024 Datasheet HTML 105Page - Renesas Technology Corp HD64F36024 Datasheet HTML 106Page - Renesas Technology Corp HD64F36024 Datasheet HTML 107Page - Renesas Technology Corp HD64F36024 Datasheet HTML 108Page - Renesas Technology Corp HD64F36024 Datasheet HTML 109Page - Renesas Technology Corp HD64F36024 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 80 of 354
REJ09B0025-0400
Bit
Bit Name
Initial
Value
R/W
Description
2
PV
0
R/W
Program-Verify
When this bit is set to 1, the flash memory changes to
program-verify mode. When it is cleared to 0, program-
verify mode is cancelled.
1
E
0
R/W
Erase
When this bit is set to 1, and while the SWE = 1 and ESU
= 1 bits are 1, the flash memory changes to erase mode.
When it is cleared to 0, erase mode is cancelled.
0
P
0
R/W
Program
When this bit is set to 1, and while the SWE = 1 and PSU
= 1 bits are 1, the flash memory changes to program
mode. When it is cleared to 0, program mode is
cancelled.
7.2.2
Flash Memory Control Register 2 (FLMCR2)
FLMCR2 is a register that displays the state of flash memory programming/erasing. FLMCR2 is a
read-only register, and should not be written to.
Bit
Bit Name
Initial
Value
R/W
Description
7
FLER
0
R
Flash Memory Error
Indicates that an error has occurred during an operation
on flash memory (programming or erasing). When FLER
is set to 1, flash memory goes to the error-protection
state.
See 7.5.3, Error Protection, for details.
6 to 0
—
All 0
—
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com