Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 106Page - Renesas Technology Corp HD64F36024 Datasheet HTML 107Page - Renesas Technology Corp HD64F36024 Datasheet HTML 108Page - Renesas Technology Corp HD64F36024 Datasheet HTML 109Page - Renesas Technology Corp HD64F36024 Datasheet HTML 110Page - Renesas Technology Corp HD64F36024 Datasheet HTML 111Page - Renesas Technology Corp HD64F36024 Datasheet HTML 112Page - Renesas Technology Corp HD64F36024 Datasheet HTML 113Page - Renesas Technology Corp HD64F36024 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 84 of 354
REJ09B0025-0400
Table 7.2
Boot Mode Operation
Communication Contents
Processing Contents
Host Operation
LSI Operation
Processing Contents
Continuously transmits data H'00
at specified bit rate.
Branches to boot program at reset-start.
Boot program initiation
H'00, H'00 . . . H'00
H'00
H'55
Transmits data H'55 when data H'00
is received error-free.
H'XX
Transmits number of bytes (N) of
programming control program to be
transferred as 2-byte data
(low-order byte following high-order
byte)
Transmits 1-byte of programming
control program (repeated for N times)
H'AA reception
H'AA reception
Upper bytes, lower bytes
Echoback
Echoback
H'AA
H'AA
Branches to programming control program
transferred to on-chip RAM and starts
execution.
Transmits data H'AA to host.
Checks flash memory data, erases all flash
memory blocks in case of written data
existing, and transmits data H'AA to host.
(If erase could not be done, transmits data
H'FF to host and aborts operation.)
H'FF
Boot program
erase error
• Measures low-level period of receive data
H'00.
• Calculates bit rate and sets BRR in SCI3.
• Transmits data H'00 to host as adjustment
end indication.
H'55 reception.
Echobacks the 2-byte data
received to host.
Echobacks received data to host and also
transfers it to RAM.
(repeated for N times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com