Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 112Page - Renesas Technology Corp HD64F36024 Datasheet HTML 113Page - Renesas Technology Corp HD64F36024 Datasheet HTML 114Page - Renesas Technology Corp HD64F36024 Datasheet HTML 115Page - Renesas Technology Corp HD64F36024 Datasheet HTML 116Page - Renesas Technology Corp HD64F36024 Datasheet HTML 117Page - Renesas Technology Corp HD64F36024 Datasheet HTML 118Page - Renesas Technology Corp HD64F36024 Datasheet HTML 119Page - Renesas Technology Corp HD64F36024 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 384 page
background image
Section 7 ROM
Rev. 4.00 Sep. 23, 2005 Page 90 of 354
REJ09B0025-0400
Erase start
Set EBR1
Enable WDT
Wait 1
µs
Wait 100
µs
SWE bit
← 1
n
← 1
ESU bit
← 1
E bit
← 1
Wait 10 ms
E bit
← 0
Wait 10
µs
ESU bit
← 10
10
µs
Disable WDT
Read verify data
Increment address
Verify data + all 1s ?
Last address of block ?
All erase block erased ?
Set block start address as verify address
H'FF dummy write to verify address
Wait 20
µs
Wait 2
µs
EV bit
← 1
Wait 100
µs
End of erasing
Note: * The RTS instruction must not be used during a period between dummy writing of H'FF to a verify address and verify data reading.
SWE bit
← 0
Wait 4
µs
EV bit
← 0
n
≤100 ?
Wait 100
µs
Erase failure
SWE bit
← 0
Wait 4
µs
EV bit
← 0
n
← n + 1
Yes
No
Yes
Yes
Yes
Yes
No
No
No
*
Figure 7.4 Erase/Erase-Verify Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com