Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 117Page - Renesas Technology Corp HD64F36024 Datasheet HTML 118Page - Renesas Technology Corp HD64F36024 Datasheet HTML 119Page - Renesas Technology Corp HD64F36024 Datasheet HTML 120Page - Renesas Technology Corp HD64F36024 Datasheet HTML 121Page - Renesas Technology Corp HD64F36024 Datasheet HTML 122Page - Renesas Technology Corp HD64F36024 Datasheet HTML 123Page - Renesas Technology Corp HD64F36024 Datasheet HTML 124Page - Renesas Technology Corp HD64F36024 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 384 page
background image
Section 9 I/O Ports
Rev. 4.00 Sep. 23, 2005 Page 95 of 354
REJ09B0025-0400
Section 9 I/O Ports
The group of this LSI has thirty general I/O ports and four general input-only ports. Port 8 is a
large current port, which can drive 20 mA (@V
OL = 1.5 V) when a low level signal is output. Any
of these ports can become an input port immediately after a reset. They can also be used as I/O
pins of the on-chip peripheral modules or external interrupt input pins, and these functions can be
switched depending on the register settings. The registers for selecting these functions can be
divided into two types: those included in I/O ports and those included in each on-chip peripheral
module. General I/O ports are comprised of the port control register for controlling inputs/outputs
and the port data register for storing output data and can select inputs/outputs in bit units. For
functions in each port, see Appendix B.1, I/O Port Block Diagrams. For the execution of bit
manipulation instructions to the port control register and port data register, see section 2.8.3, Bit
Manipulation Instruction.
9.1
Port 1
Port 1 is a general I/O port also functioning as IRQ interrupt input pins, timer V input pin, and
SCI3 I/O pin. Figure 9.1 shows its pin configuration.
P17/
IRQ3/TRGV
P16
P15
P14/
IRQ0
P12/SCK3_3*
P11
P10
Port 1
Note: * The SCK3_3 pin is not available in the H8/36014.
Figure 9.1 Port 1 Pin Configuration
Port 1 has the following registers.
• Port mode register 1 (PMR1)
• Port control register 1 (PCR1)
• Port data register 1 (PDR1)
• Port pull-up control register 1 (PUCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com