Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 145Page - Renesas Technology Corp HD64F36024 Datasheet HTML 146Page - Renesas Technology Corp HD64F36024 Datasheet HTML 147Page - Renesas Technology Corp HD64F36024 Datasheet HTML 148Page - Renesas Technology Corp HD64F36024 Datasheet HTML 149Page - Renesas Technology Corp HD64F36024 Datasheet HTML 150Page - Renesas Technology Corp HD64F36024 Datasheet HTML 151Page - Renesas Technology Corp HD64F36024 Datasheet HTML 152Page - Renesas Technology Corp HD64F36024 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 384 page
background image
Section 10 Timer V
Rev. 4.00 Sep. 23, 2005 Page 123 of 354
REJ09B0025-0400
10.3.4
Timer Control/Status Register V (TCSRV)
TCSRV indicates the status flag and controls outputs by using a compare match.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMFB
0
R/W
Compare Match Flag B
Setting condition:
When the TCNTV value matches the TCORB value
Clearing condition:
After reading CMFB = 1, cleared by writing 0 to CMFB
6
CMFA
0
R/W
Compare Match Flag A
Setting condition:
When the TCNTV value matches the TCORA value
Clearing condition:
After reading CMFA = 1, cleared by writing 0 to CMFA
5
OVF
0
R/W
Timer Overflow Flag
Setting condition:
When TCNTV overflows from H'FF to H'00
Clearing condition:
After reading OVF = 1, cleared by writing 0 to OVF
4
1
Reserved
This bit is always read as 1.
3
2
OS3
OS2
0
0
R/W
R/W
Output Select 3 and 2
These bits select an output method for the TMOV pin by
the compare match of TCORB and TCNTV.
00: No change
01: 0 output
10: 1 output
11: Output toggles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com