Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 171Page - Renesas Technology Corp HD64F36024 Datasheet HTML 172Page - Renesas Technology Corp HD64F36024 Datasheet HTML 173Page - Renesas Technology Corp HD64F36024 Datasheet HTML 174Page - Renesas Technology Corp HD64F36024 Datasheet HTML 175Page - Renesas Technology Corp HD64F36024 Datasheet HTML 176Page - Renesas Technology Corp HD64F36024 Datasheet HTML 177Page - Renesas Technology Corp HD64F36024 Datasheet HTML 178Page - Renesas Technology Corp HD64F36024 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 149 of 354
REJ09B0025-0400
Periodic counting operation can be performed when GRA is set as an output compare register and
bit CCLR in TCRW is set to 1. When the count matches GRA, TCNT is cleared to H'0000, the
IMFA flag in TSRW is set to 1. If the corresponding IMIEA bit in TIERW is set to 1, an interrupt
request is generated. TCNT continues counting from H'0000. Figure 11.3 shows periodic
counting.
TCNT value
GRA
H'0000
CTS bit
IMFA
Time
Flag cleared
by software
Figure 11.3 Periodic Counter Operation
By setting a general register as an output compare register, compare match A, B, C, or D can cause
the output at the FTIOA, FTIOB, FTIOC, or FTIOD pin to output 0, output 1, or toggle. Figure
11.4 shows an example of 0 and 1 output when TCNT operates as a free-running counter, 1 output
is selected for compare match A, and 0 output is selected for compare match B. When signal is
already at the selected output level, the signal level does not change at compare match.
TCNT value
H'FFFF
H'0000
FTIOA
FTIOB
Time
GRA
GRB
No change
No change
No change
No change
Figure 11.4 0 and 1 Output Example (TOA = 0, TOB = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com