Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 303Page - Renesas Technology Corp HD64F36024 Datasheet HTML 304Page - Renesas Technology Corp HD64F36024 Datasheet HTML 305Page - Renesas Technology Corp HD64F36024 Datasheet HTML 306Page - Renesas Technology Corp HD64F36024 Datasheet HTML 307Page - Renesas Technology Corp HD64F36024 Datasheet HTML 308Page - Renesas Technology Corp HD64F36024 Datasheet HTML 309Page - Renesas Technology Corp HD64F36024 Datasheet HTML 310Page - Renesas Technology Corp HD64F36024 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 281 of 354
REJ09B0025-0400
18.3.7
Power-On Reset Circuit Characteristics (Optional)
Table 18.16 Power-On Reset Circuit Characteristics
V
SS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Values
Item
Symbol
Test
Condition
Min
Typ
Max
Unit
Pull-up resistance of
RES pin
R
RES
100
150
—
k
Ω
Power-on reset start voltage*
V
por
—
—
100
mV
Note:
*
The power-supply voltage (Vcc) must fall below Vpor = 100 mV and then rise after
charge of the
RES pin is removed completely. In order to remove charge of the RES
pin, it is recommended that the diode be placed in the Vcc side. If the power-supply
voltage (Vcc) rises from the point over 100 mV, a power-on reset may not occur.
18.4
Operation Timing
tOSC
VIH
VIL
tCPH
tCPL
tCPr
OSC1
tCPf
Figure 18.1 System Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com