Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 37 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 33Page - Texas Instruments AFE8405 Datasheet HTML 34Page - Texas Instruments AFE8405 Datasheet HTML 35Page - Texas Instruments AFE8405 Datasheet HTML 36Page - Texas Instruments AFE8405 Datasheet HTML 37Page - Texas Instruments AFE8405 Datasheet HTML 38Page - Texas Instruments AFE8405 Datasheet HTML 39Page - Texas Instruments AFE8405 Datasheet HTML 40Page - Texas Instruments AFE8405 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
7.1.4
Test and Noise Signal Generator
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
PROGRAMMING
VARIABLE
DESCRIPTION
ssel_ragc_clear_X(2:0)
Sync source selection for the AGC loop accumulator clear
ragc_freeze_X
Register bit to freeze the AGC when set
ragc_clear_X
Register bit to clear the AGC accumulator when set
ragc_update_X(7:0)
Sets the number of updates per sync event, after which no further updates occur until the next sync
event. Program to 0x00 to update continually.
sd_ena_X
Enables freezing the AGC with the signal detector when set
sd_thresh_X(15:0)
Signal-detection threshold for AGC channel X. This 16-bit word is lined up with bits 23 down to 8 of the
square output. The smallest signal level that can be programmed is therefore 16 LSBs on the ADC
input, and the largest is 4095 LSBs at the ADC input.
sd_samples_X(15:0)
The number of samples below the signal detect threshold within the signal detect sample timer window
required to freeze on the AGC.
sd _timer_X(15:0)
Window timer to qualify signal detection.
clip_hi_thresh_X(15:0)
Clip detector high threshold
clip_lo_thresh_X(15:0)
Clip detector low threshold
clip_hi_samples_X(7:0)
A clip event is detected when the number of samples above the clip-high threshold within the clip-high
sample timer window exceeds this value.
clip_lo_samples_X(7:0)
A clip event ends when the number of samples below the clip-low threshold within the clip-low sample
timer window exceeds this value.
clip_hi_timer_X(15:0)
Window timer to qualify clip events
clip_lo_timer_X(15:0)
Window timer to determine when the clip event ends.
clip_error_X(15:0)
Error signal applied to the AGC accumulator when a clip event is active. This data is MSB aligned, and
therefore can cause immediate changes to the accumulator.
ragc_error_map_X
128-word
× 8-bit memory holding the log to error look up table
dvga_map_X
64-word
× 6-bit memory holding the accumulator to DVGA look-up table
gain_map_X
64-word
× 16-bit memory holding the accumulator to GAIN look-up table (256 decibels is unity gain).
delay_adj_X(4:0)
Delay between DVGA output updates and gain map updates to compensate for ADC pipeline delays,
etc.
err_shift_X(4:0)
Error map table shift-up output before adding to loop accumulator
complex_01
Enables complex AGC mode on inputs rxin_a and rxin_b when set
complex_23
Enables complex AGC mode on inputs rxin_c and rxin_d when set
ragc_accum_X(31:0)
32-bit read-only register holding the current contents of the loop accumulator.
3-state(10:7)
3-state controls for the dvga_d/c/b/a output pins; pins are in the high-impedance state when the 3-state
bits are set.
ragc_mpu_ram_read
When set, the receive AGC map RAMs are readable via the MPU control interface. The AFE8405 signal
path is not operational when this bit is set, it is intended for debug purposes only.
The test and noise generator can generate test signals to replace the rxin_a/b/c/d inputs as a tool for
debug, evaluation, and self-test. Checksum generators included in the individual DDC channels at the
outputs can be used in conjunction with the noise generator and the internal sync timer block to create the
built-in self-test function.
The test and noise signal source included in this block is a 23-bit linear feedback shift register (LFSR) with
a fixed polynomial and fixed initialization state. A sync input is required to initialize the LFSR, and the sync
source is connected to the ddc_counter output signal.
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com