Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 85 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 81Page - Texas Instruments AFE8405 Datasheet HTML 82Page - Texas Instruments AFE8405 Datasheet HTML 83Page - Texas Instruments AFE8405 Datasheet HTML 84Page - Texas Instruments AFE8405 Datasheet HTML 85Page - Texas Instruments AFE8405 Datasheet HTML 86Page - Texas Instruments AFE8405 Datasheet HTML 87Page - Texas Instruments AFE8405 Datasheet HTML 88Page - Texas Instruments AFE8405 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
8.4.2.4 GBL_PAR_CONFIG0 Register
8.4.2.5 GBL_PAR_CONFIG1 Register
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Register name: GBL_PAR_CONFIG0
Address: 0x03
BIT 15
BIT 8
par_recv_sync_del(6:0)
tst_clk_pol
0
0
0
0
0
0
0
0
BIT 7
BIT 0
par_recv_clkdiv(6:0)
par_recv_
rxclk_pol
0
0
0
0
0
0
0
0
par_recv_sync_del(6:0): Delays the sync source from the DDC0 AGC output by (par_recv_sync_del+1)
rxclk cycles.
tst_clk_pol: Selects the polarity of the test clock output at dvga_c(1) when the test bus is enabled; 0 for
rising edge in the center of valid data, 1 for falling edge in the center of valid data. No effect
when tst_rate_sel is 0 0000.
par_recv_clkdiv(6:0): Selects the parallel interface output clock rate.
par_recv_rxclk_pol: Selects the polarity of the rxclk_out clock output; 0 for rising edge in the center of
valid data, 1 for falling edge in the center of valid data.
Register name: GBL_PAR_CONFIG1
Address: 0x04
BIT 15
BIT 8
par_recv_syncout_del(3:0)
par_recv_chan(3:0)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
par_recv_fsinvl(6:0)
par_recv_
sync_pol
0
0
0
0
0
0
0
0
par_recv_syncout_del(3:0): Changes the rx_sync_out position with respect to IQ DDC0. Setting to 0
causes rx_sync_out to lead IQ DDC0 by 1 output sample, setting to 1 causes rx_sync_out to
line up with IQ DDC0, setting to 2 causes rx_sync_out to trail IQ DDC0 by 1 output sample,
etc.
par_recv_chan(3:0): Selects the number of channels to be output over the parallel interface, from 1 to 16
channels.
par_recv_fsinvl(6:0): Selects the number of rxclk cycles per parallel interface frame, from 1 to 128
cycles.
par_recv_sync_pol: Selects the polarity of the parallel interface sync pulse; 0 for active-low, 1 for
active-high.
Submit Documentation Feedback
AFE8405 GENERAL CONTROL
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com