Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 7 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 3Page - Texas Instruments AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments AFE8405 Datasheet HTML 10Page - Texas Instruments AFE8405 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
ANALOG ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over temperature range of TA = –40°C to 85°C, sampling rate =
80 MSPS, 50% clock duty cycle, AVDD = DRVDD = 3.3 V, –1-dBFS differential input, internal reference, and 3-VPP
differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics (Continued)
fin = 10 MHz, TA = 25°C
84
fin = 30 MHz
83.5
fin = 50 MHz
84
fin = 70 MHz, TA = 25°C
85
SFDR
Spurious free dynamic range
dBc
fin = 70 MHz, TA = –40°C to 85°C
77
82
fin = 130 MHz
81
fin = 170 MHz
76
fin = 230 MHz
68.5
fin = 10 MHz, TA = 25°C
95.8
fin = 30 MHz
95
fin = 50 MHz
97.5
HD2
Second harmonic
fin = 70 MHz, TA = 25°C
95
dBc
fin = 130 MHz
81.5
fin = 170 MHz
76
fin = 230 MHz
68.5
fin = 10 MHz, TA = 25°C
84
fin = 30 MHz
83.5
fin = 50 MHz
82.5
HD3
Third harmonic
fin = 70 MHz, TA = 25°C
85
dBc
fin = 130 MHz
92
fin = 170 MHz
79
fin = 230 MHz
83
fin = 10 MHz, TA = 25°C
95.5
Worst harmonic/spur other than HD2 or HD3
dBc
fin = 70 MHz, TA = 25°C
95
fin = 10 MHz, TA = 25°C
74
fin = 30 MHz
73.5
fin = 50 MHz
73.5
fin = 70 MHz, TA = 25°C
73
SINAD
Signal-to-noise plus distortion
fin = 70 MHz, TA = 25°C to 85°C
70
72
dBFS
fin = 70 MHz, TA = –40°C
69
72
fin = 130 MHz
71
fin = 170 MHz
69
fin = 230 MHz
66
fin = 10 MHz, TA = 25°C
82.5
fin = 30 MHz
82
fin = 50 MHz
82
THD
Total harmonic distortion
fin = 70 MHz, TA = 25°C
83.5
dBc
fin = 130 MHz
80
fin = 170 MHz
74
fin = 230 MHz
68
Channel-to-channel crosstalk
fin = 225 MHz
95
dBc
Submit Documentation Feedback
SPECIFICATIONS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com