Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 14 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 10Page - Texas Instruments AFE8405 Datasheet HTML 11Page - Texas Instruments AFE8405 Datasheet HTML 12Page - Texas Instruments AFE8405 Datasheet HTML 13Page - Texas Instruments AFE8405 Datasheet HTML 14Page - Texas Instruments AFE8405 Datasheet HTML 15Page - Texas Instruments AFE8405 Datasheet HTML 16Page - Texas Instruments AFE8405 Datasheet HTML 17Page - Texas Instruments AFE8405 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
4.3 Microprocessor Signals
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
Signal Name
Ball
Type
Description
d0
Y22
Input/output
MPU register interface data bus bit 0 (LSB)
d1
Y21
Input/output
MPU register interface data bus
d2
AB20
Input/output
MPU register interface data bus
d3
AA20
Input/output
MPU register interface data bus
d4
Y20
Input/output
MPU register interface data bus
d5
W20
Input/output
MPU register interface data bus
d6
V20
Input/output
MPU register interface data bus
d7
AB19
Input/output
MPU register interface data bus
d8
AA19
Input/output
MPU register interface data bus
d9
Y19
Input/output
MPU register interface data bus
d10
W19
Input/output
MPU register interface data bus
d11
V19
Input/output
MPU register interface data bus
d12
AB18
Input/output
MPU register interface data bus
d13
AA18
Input/output
MPU register interface data bus
d14
Y18
Input/output
MPU register interface data bus
d15
W18
Input/output
MPU register interface data bus bit 15 (MSB)
a0
T20
Input
MPU register interface address bus bit 0 (LSB)
a1
U22
Input
MPU register interface address bus
a2
U21
Input
MPU register interface address bus
a3
W22
Input
MPU register interface address bus
a4
V21
Input
MPU register interface address bus
a5
W21
Input
MPU register interface address bus bit 5 (MSB)
rd_n
T22
Input
MPU register interface read – active low
wr_n
R20
Input
MPU register interface write – active low
ce_n
T21
Input
MPU register interface chip enable – active low
reset_n
R21
Input
Chip reset – active low
interrupt
M21
Output
Chip interrupt
AFE8405 PINS
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com