Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments AFE8405 Datasheet HTML 10Page - Texas Instruments AFE8405 Datasheet HTML 11Page - Texas Instruments AFE8405 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
3.7
DIGITAL CHIP DC CHARACTERISTICS
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
TA = –40°C to 85°C (unless otherwise noted)
VDDS = 3 V to 3.6 V
PARAMETER(1) (2)(3)
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VIL
Voltage input, low
0.8
V
VIH
Voltage input, high
2
V
VOL
Voltage output, low(4)
IOL = 2 mA
0.5
V
VOH
Voltage output high(4)
IOH = –2 mA
2.4
VDDS
V
|IPU|
Pullup current (tdi, tms, trst_n, ce_n, wr_n, rd_n,
VIN = 0 V, nominal 20 A
5
35
µA
reset_n )(4)
|IPD|
Pulldown current (all other inputs and bidirectionals)(4)
VIN = VDDS, nominal 20 µA
5
35
µA
|IIN|
Leakage current(4)
VIN = 0V or VDDS, outputs in
20
µA
high-impedance state
Quiescent supply current, IDVDD or IVDDS (4)
VIN = 0 for pads with pulldowns,
IDDQ
8
mA
VIN = VDDS for inputs with pullups
CIN
Capacitance for inputs(5)
5
pF
CBI
Capacitance for bidirectionals(5)
5
pF
(1)
Voltages are measured at low speed. Output voltages are measured with the indicated current load.
(2)
Currents are measured at nominal voltages, high temperature.
(3)
reset_n and interrupt have no timing specifications because they are asynchronous signals.
die_id pins fa002_out, fa002_clk, and fa002_scan are not specified and are for factory use only.
fuse pin fuse_out is not specified and is for factory use only.
test pins zero, scanen, testmode0 and testmode1 are not specified and are for factory use only.
(4)
Each part is tested at high temperature for the given specification. Lots are sample tested at –40
°C.
(5)
Controlled by design and process and not directly tested.
SPECIFICATIONS
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com