Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 76 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 76 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 72Page - Texas Instruments AFE8405 Datasheet HTML 73Page - Texas Instruments AFE8405 Datasheet HTML 74Page - Texas Instruments AFE8405 Datasheet HTML 75Page - Texas Instruments AFE8405 Datasheet HTML 76Page - Texas Instruments AFE8405 Datasheet HTML 77Page - Texas Instruments AFE8405 Datasheet HTML 78Page - Texas Instruments AFE8405 Datasheet HTML 79Page - Texas Instruments AFE8405 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
8.2 Synchronization Signals
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
Various function blocks within the AFE8405 must be synchronized in order to realize predictable results.
The AFE8405 provides a flexible system where each function block that requires synchronization can be
independently synchronized from either device pins or from a software one-shot. The one-shot option is
setup and triggered through control registers. The four sync input pins, rxsync_a, rxsync_b, rxsync_c and
rxsync_d are qualified on the rxclk rising clock edge. Table 8-1 shows the different sync modes available.
Table 8-1. Different Sync Modes Available
SYNC SELECT CODE
RECEIVE SYNC SOURCE
000
rxsync_a
001
rxsync_b
010
rxsync_c
011
rxsync_d
100
ddc sync counter terminal count
101
ddc sync triggered by software one-shot (register bit)
110
0 (always off)
111
1 (always on)
Table 8-2 and Table 8-3 summarizes the blocks which have functions that can be synchronized using the
eight sync source options listed in Table 8-1.
Table 8-2. Receive Common Syncs
Sync Name
Purpose
sync_ddc_counter
Initializes the receive sync counter
sync_ddc
Initializes the receive ADC interface and clock generation circuits
sync_rxsync_out
Selects sync signal to be output on the rx_sync_out pin.
sync_adc_fifo
Initializes the input and output pointers in the ADC fifo circuits.
sync_tst_decim
Initializes the testbus decimation counter.
sync_recv_pmeterX
Initializes the rxin power meters. {X = 0, 1, 2, or 3}
sync_ragc_interval_X
Initializes the rxin receive AGC timers. {X = 0, 1, 2, or 3}
sync_ragc_freeze_X
rxin receive AGC freeze mode control. {X = 0, 1, 2, or 3}
sync_ragc_clear_X
Initializes the receive AGC error accumulator. {X = 0, 1, 2, or 3}
Table 8-3. DDC Channel Syncs
Sync Name
Purpose
sync_ddc_tadj
Selects zero stuff moment in the tadj fine-adjustment section
sync_ddc_tadj_reg
Updates the tadj output pointer register delay in the tadj coarse-adjustment section
sync_ddc_nco
Resets the NCO accumulator
sync_ddc_freq
Updates the NCO freq registers
sync_ddc_phase
Updates the NCO phase register
sync_ddc_dither
Initializes the NCO dither circuits
sync_ddc_cic
Selects the CIC decimation moment
sync_ddc_pmeter
Initializes the receive channel power meters
sync_ddc_gain
Updates the DDC channel AGC gain registers
sync_ddc_agc
Initializes the AGC accumulator
sync_ddc_agc_freeze
AGC freeze mode control
sync_ddc_serial
Initializes the receive serial interface
AFE8405 GENERAL CONTROL
76
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com