Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 69 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 65Page - Texas Instruments AFE8405 Datasheet HTML 66Page - Texas Instruments AFE8405 Datasheet HTML 67Page - Texas Instruments AFE8405 Datasheet HTML 68Page - Texas Instruments AFE8405 Datasheet HTML 69Page - Texas Instruments AFE8405 Datasheet HTML 70Page - Texas Instruments AFE8405 Datasheet HTML 71Page - Texas Instruments AFE8405 Datasheet HTML 72Page - Texas Instruments AFE8405 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
T0117-01
rxclk
rxsync_out_X
MSB
rxsync_X
ProgrammedBit Time
(2rxclkCyclesfor ThisExample)
tsetup
thold
tpd
rxout_X_Y
rxsync_XCanbeaPulseorLevel-InterfaceWillGeneratePeriodicFrameStrobesUsingProgrammedFrameSyncInterval
3rxclk+1ProgrammedBit Time
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Four serial pins each for I and Q data can be optionally employed (instead of two for I and two for Q) at
half the output rate. This would most likely be used when two DDC channels (2k and 2k + 1, k = 0 to 5)
are combined to support double-length PFIR filtering (a channel is sacrificed). Formatting for I data is then:
Imsb, Imsb-1, Imsb-2, Imsb-3. Q data formatting is: Qmsb, Qmsb-1, Qmsb-2, Qmsb-3.
The frame strobe signal provided on the rx_sync_out_X pins can be programmed to arrive from 0 to 3 bit
clocks early via a 2-bit control parameter. The frame interval can be programmed from 1 to 63 bits. A
programmable 4-bit clock divider circuit is used to specify the serial bit rate. The clock divider circuit is
synchronized using a sync block discussed later in this document.
Programming the serial port clock divider requires some thought and depends upon the channel's overall
decimation ratio, frame sync interval, number of output bits, and CDMA-UMTS mode.
In general:
the serial clock divide ratio
נ
the frame sync interval = the total receive decimation
The relationship between the number of serial bits output, clock divide ratio, and overall decimation ratio
is:
CDMA: [overall decimation
נ
(pser_recv_8pin + 1) ] / (pser_recv_clkdiv + 1)
≥ pser_recv_bits + 1
UMTS: 2
נ
[overall decimation
נ
(pser_recv_8pin + 1) ] / (pser_recv_clkdiv + 1)
≥ pser_recv_bits + 1
where overall decimation = CIC DECIMATION
× CFIR DECIMATION.
Decimation by 2 in the output interface can be achieved by setting the frame strobe interval and clock
divider to 1/2 the PFIR output rate. The serial interface samples the PFIR output each time the transfer
interval defined by these two settings has completed. The decimation moment can be controlled using the
rxsync_X input signal selected as the sync source for the serial interface.
The timing diagram in Figure 7-31 shows the DDC serial output timing.
Figure 7-31. Serial Output Interface Timing Diagram
PROGRAMMING
VARIABLE
DESCRIPTION
pser_recv_fsinvl(6:0)
Frame sync interval in bits
pser_recv_bits(4:0)
Number of data output bits – 1. e.g., 10001 = 18 bits
pser_recv_clkdiv(3:0)
Receive serial interface clock divider rate – 1.
0 = rcclk, 15 = rxclk/16
pser_recv_8pin
When set, configures the serial out pins for 4I and 4Q in UMTS mode. When cleared, the mode is 2I
and 2Q. Used in conjunction with pser_recv_alt.
pser_recv_alt
When set, outputs Q data from adjacent DDC channel.
pser_recv_fsdel(1:0)
Number of bit clocks the frame sync is output early with respect to serial data.
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com