Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 23 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 19Page - Texas Instruments AFE8405 Datasheet HTML 20Page - Texas Instruments AFE8405 Datasheet HTML 21Page - Texas Instruments AFE8405 Datasheet HTML 22Page - Texas Instruments AFE8405 Datasheet HTML 23Page - Texas Instruments AFE8405 Datasheet HTML 24Page - Texas Instruments AFE8405 Datasheet HTML 25Page - Texas Instruments AFE8405 Datasheet HTML 26Page - Texas Instruments AFE8405 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
20
40
60
80
75
74
74
74
73
73
73
73
72
72
72
72
71
71
71
71
70
69
100
120
f
-InputFrequency-MHz
IN
SNR-dBc
140
160
180
200
220
40
50
60
70
80
90
100
69
70
71
72
73
74
75
M0048-03
M0049-03
20
68
72
76
80
84
88
40
60
80
90
90
88
88
88
88
88
86
86
86
86
86
84
84
84
84
84
84
82
82
82
82
82
80
80
80
80
80
78
78
78
76
76
76
74
74
74
72
72
72
70
70
100
120
140
160
180
200
220
40
50
60
70
80
90
100
f
-InputFrequency-MHz
IN
SFDR-dBc
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Typical values are at TA = 25°C, differential input amplitude = –1 dBFS, test bus output
Figure 5-21.
Figure 5-22.
Submit Documentation Feedback
Typical Characteristics
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com