Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments AFE8405 Datasheet HTML 10Page - Texas Instruments AFE8405 Datasheet HTML 11Page - Texas Instruments AFE8405 Datasheet HTML 12Page - Texas Instruments AFE8405 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
3.8 DIGITAL CHIP AC TIMING CHARACTERISTICS
(1)
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
MIN
TYP MAX
UNIT
fCK
Clock frequency (adcclk_a/b/c/d, rxclk)(2)
160
MHz
tCKL
Clock low period (below VIL) (adcclk_a/b/c/d, rxclk)
(2)
2
ns
tCKH
Clock high period (above VIH) (adcclk_a/b/c/d, rxclk)
(2)
2
ns
tRF
Clock rise and fall times (VIL to VIH) (adcclk_a/b/c/d, rxclk)
(3)
2
ns
Input setup (rx_sync[a–d]) before rxclk rises(2)
2
tSU
Input setup (rxin_a/b/c/d_[0-15] ) before rxclk rises (ADC FIFO blocks bypassed)(2)
2
ns
Input setup (rxin_a/b/c/d_[0-15] ) before adcclk_a/b/c/d rises (ADC FIFO blocks enabled)(2)
2
Input hold (rx_sync[a–d]) after rxclk rises(2)
1
tHD
Input hold (rxin_a/b/c/d_[0-15] ) after rxclk rises (adc fifo blocks bypassed)(2)
2.5
ns
Input hold (rxin_ a/b/c/d_[0-15] ) after adcclk_a/b/c/d rises (adc fifo blocks enabled)(2)
1
Data output delay (rx_sync_out_[0-7], rxout_[0-7]_a/b/c/d, rxclk_out, rx_sync_out,
tDLY
7
ns
dvga_[a-d]_[5-0]) after rxclk rises.(2)
Data output hold (rx_sync_out_[0-7], rxout_[0-7]_a/b/c/d, rxclk_out, rx_sync_out,
tOHD
0.5
ns
dvga_[a-d]_[5-0]) after rxclk rises.(2)
fJCK
JTAG clock frequency (tck)(2)
40
MHz
tJCKL
JTAG clock low period (below VIL) (tck)
(2)
10
ns
tJCKH
JTAG clock high period (above VIH) (tck)
(2)
10
ns
tJSU
JTAG input (tdi or tms) setup before tck goes high(2)
2
ns
tJHD
JTAG input (tdi or tms) hold time after tck goes high(2)
10
ns
tJDLY
JTAG output (tdo) delay from falling edge of tck.(2)
10
ns
Control setup during reads or writes
tCSU
3 pin mode: a[5:0] valid before rd_n, wr_n or ce_n falling edge
6
ns
2 pin mode: a[5:0] and wr_n valid before ce_n falling edge (2)
Control setup during writes
tEWCSU
3 pin mode: d[15:0] valid before wr_n and ce_n rising edge
10
ns
2 pin mode: d[15:0] valid before ce_n rising edge (2)
Control hold during writes.
tCHD
3 pin mode: a[5:0] and d[15:0] valid after wr_n and ce_n rise
6
ns
2 pin mode: a[5:0], d[15:0] and wr_n valid after ce_n rise (2)
tCSPW
Control strobe (ce_n and wr_n low) pulse duration during write. (2)
25
ns
tCDLY
Control output delay ce_n and rd_n low and a[5:0] stable to d[15:0] during read. (2)
25
ns
tREC
Control recovery time between reads or writes. (2)
6
ns
tHIZ
Control end of read to Hi-Z. rd_n and ce_n rise to d[15:0] 3-state (4)
10
ns
tCOH
Control read d[15:0] output hold time
1
ns
(1)
Timing is measured from the respective clock at VDDS/2 to input or output at VDDS/2. Output loading is a 50-
Ω transmission line whose
delay is calibrated out.
(2)
Each part is tested at 90
°C case temperature for the given specification. Lots are sample tested at –40°C.
(3)
Recommended practice
(4)
Controlled by design and process and not directly tested.
Submit Documentation Feedback
SPECIFICATIONS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com