Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 79 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 75Page - Texas Instruments AFE8405 Datasheet HTML 76Page - Texas Instruments AFE8405 Datasheet HTML 77Page - Texas Instruments AFE8405 Datasheet HTML 78Page - Texas Instruments AFE8405 Datasheet HTML 79Page - Texas Instruments AFE8405 Datasheet HTML 80Page - Texas Instruments AFE8405 Datasheet HTML 81Page - Texas Instruments AFE8405 Datasheet HTML 82Page - Texas Instruments AFE8405 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Page Register
Address
Registers Addressed With 5-Bit Address Space, Pins (a4:a0)
Contents in Hex
Pin a5
0x08E0
0
DDC4 CFIR taps 32 through 63 coefficient msbs (17:2)
0x0900
0
DDC4 control registers 0x00 through 0x1F
0x0920
0
DDC4 control registers 0x20 through 0x3F
0x0A00
0
DDC5 PFIR taps 0 through 31 coefficient lsbs (1:0)
0x0A20
0
DDC5 PFIR taps 32 through 63 coefficient lsbs (1:0)
0x0A40
0
DDC5 PFIR taps 0 through 31 coefficient msbs (17:2)
0x0A60
0
DDC5 PFIR taps 32 through 63 coefficient msbs (17:2)
0x0A80
0
DDC5 CFIR taps 0 through 31 coefficient lsbs (1:0)
0x0AA0
0
DDC5 CFIR taps 32 through 63 coefficient lsbs (1:0)
0x0AC0
0
DDC5 CFIR taps 0 through 31 coefficient msbs (17:2)
0x0AE0
0
DDC5 CFIR taps 32 through 63 coefficient msbs (17:2)
0x0B00
0
DDC5 control registers 0x00 through 0x1F
0x0B20
0
DDC5 control registers 0x20 through 0x3F
0x0C00
0
DDC6 PFIR taps 0 through 31 coefficient lsbs (1:0)
0x0C20
0
DDC6 PFIR taps 32 through 63 coefficient lsbs (1:0)
0x0C40
0
DDC6 PFIR taps 0 through 31 coefficient msbs (17:2)
0x0C60
0
DDC6 PFIR taps 32 through 63 coefficient msbs (17:2)
0x0C80
0
DDC6 CFIR taps 0 through 31 coefficient lsbs (1:0)
0x0CA0
0
DDC6 CFIR taps 32 through 63 coefficient lsbs (1:0)
0x0CC0
0
DDC6 CFIR taps 0 through 31 coefficient msbs (17:2)
0x0CE0
0
DDC6 CFIR taps 32 through 63 coefficient msbs (17:2)
0x0D00
0
DDC6 control registers 0x00 through 0x1F
0x0D20
0
DDC6 control registers 0x20 through 0x3F
0x0E00
0
DDC7 PFIR taps 0 through 31 coefficient lsbs (1:0)
0x0E20
0
DDC7 PFIR taps 32 through 63 coefficient lsbs (1:0)
0x0E40
0
DDC7 PFIR taps 0 through 31 coefficient msbs (17:2)
0x0E60
0
DDC7 PFIR taps 32 through 63 coefficient msbs (17:2)
0x0E80
0
DDC7 CFIR taps 0 through 31 coefficient lsbs (1:0)
0x0EA0
0
DDC7 CFIR taps 32 through 63 coefficient lsbs (1:0)
0x0EC0
0
DDC7 CFIR taps 0 through 31 coefficient msbs (17:2)
0x0EE0
0
DDC7 CFIR taps 32 through 63 coefficient msbs (17:2)
0x0F00
0
DDC7 control registers 0x00 through 0x1F
0x0F20
0
DDC7 control registers 0x20 through 0x3F
0x1000
0
Receive input AGC0 error RAM addresses 0 through 31
0x1020
0
Receive input AGC0 error RAM addresses 32 through 63
0x1040
0
Receive input AGC0 DVGA RAM addresses 0 through 31
0x1080
0
Receive input AGC0 gain RAM addresses 0 through 31
0x10A0
0
Receive input AGC0 gain RAM addresses 32 through 63
0x1100
0
Receive input AGC1 error RAM addresses 0 through 31
0x1120
0
Receive input AGC1 error RAM addresses 32 through 63
0x1140
0
Receive input AGC1 DVGA RAM addresses 0 through 31
0x1180
0
Receive input AGC1 gain RAM addresses 0 through 31
0x11A0
0
Receive input AGC1 gain RAM addresses 32 through 63
0x1400
0
Receive input AGC2 error RAM addresses 0 through 31
0x1420
0
Receive input AGC2 error RAM addresses 32 through 63
0x1440
0
Receive input AGC2 DVGA RAM addresses 0 through 31
Submit Documentation Feedback
AFE8405 GENERAL CONTROL
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com