Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 25 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 21Page - Texas Instruments AFE8405 Datasheet HTML 22Page - Texas Instruments AFE8405 Datasheet HTML 23Page - Texas Instruments AFE8405 Datasheet HTML 24Page - Texas Instruments AFE8405 Datasheet HTML 25Page - Texas Instruments AFE8405 Datasheet HTML 26Page - Texas Instruments AFE8405 Datasheet HTML 27Page - Texas Instruments AFE8405 Datasheet HTML 28Page - Texas Instruments AFE8405 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
S0175-01
VINCM
1V
+
inm
inp
L
1
L
2
R
1a
R
1b
C
A
S
3a
CP
1
CP
2
CP
3
CP
4
R
3
–
L ,L ,:6nHto10nHeffective
1
2
R ,R
:5
to8
C ,C
:2.2pFto2.6pF
CP ,CP :1.8pFto2.2pF
CP ,CP :1.2pFto1.8pF
C :0.8pFto1.2pF
R :80
to120
Switches:
1a
1b
1a
1b
1
2
3
4
A
3
W
W
W
W
S ,S
:OnResistance:35
to50
S :OnResistance:7.5
to15
S ,S
:OnResistance:40
to60
AllswitchesOffResistance:10G
1a
1b
2
3a
3b
W
W
W
W
W
W
W
Allswitchesareoninsamplingphasewhichisapproximatelyonehalfofaclockperiod.
C
1a
S
1a
S
1b
S
2
S
3b
C
1b
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Figure 6-2. Analog Input Stage
This differential input topology produces a high level of ac performance for high sampling rates. It also
results in a high usable input bandwidth, especially important for high intermediate-frequency (IF) or
undersampling applications. The ADC requires each of the analog inputs (inp, inm) to be externally biased
around the common-mode level of the internal circuitry (cmx). For a full-scale differential input, each of the
differential lines of the input signal swings symmetrically between cm + 0.575 V and cm – 0.575 V. This
means that each input is driven with a signal of up to cm
± 0.575 V, so that each input has a maximum
differential signal of 1.15 VPP for a total differential input signal swing of 2.3 VPP. The maximum swing is
determined by the two reference voltages, the top reference (refpa) and the bottom reference (refma).
The ADC obtains optimum performance when the analog inputs are driven differentially. The circuit shown
in Figure 6-3 shows one possible configuration using an RF transformer.
Submit Documentation Feedback
ANALOG-TO-DIGITAL CONVERTERS
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com