Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 2Page - Texas Instruments AFE8405 Datasheet HTML 3Page - Texas Instruments AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments AFE8405 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
3.6
ANALOG ELECTRICAL CHARACTERISTICS
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
Typical values at TA = 25°C, minimum and maximum values over temperature range of TA = –40°C to 85°C, sampling rate =
80 MSPS, 50% clock duty cycle, AVDD = DRVDD = 3.3 V, –1-dBFS differential input, internal reference, and 3-VPP
differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
Analog Inputs
VID
Differential input voltage range
2.3
VPP
CID
Differential input capacitance
3.2
pF
IIC
Common-mode input current
2 mA per input, 4 mA total
4
mA
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Conversion Characteristics
frxclk = 1 × fADC ch_rate_sel = rate_sel =
85
00
frxclk = 2 × fADC ch_rate_sel = rate_sel =
80
01
fADC
ADC clock rate (fclkpa = fclkma = fADC)
MSPS
frxclk = 4 × fADC ch_rate_sel = rate_sel =
40
10
frxclk = 8 × fADC ch_rate_sel = rate_sel =
20
11
Data latency – ADC input to FIFO input
16.5
Clock
Cycles
Internal Reference Voltages
refma
Lower reference voltages
1
V
refpa
Upper reference voltages
2.15
V
Reference error
±3.5
% of FS
cma
1.55
Common-mode output voltages
V
±0.05
Dynamic DC Characteristics and Accuracy
No missing codes
tested
DNL
Differential linearity error
fin = 1 MHz
±0.65
LSBs
INL
Integral linearity error
fin = 1 MHz
±4
LSBs
Offset error
±4
mV
Offset temperature coefficient
7
µV/°C
Gain error
±0.5
% of FS
Gain temperature coefficient
0.0015
Δ%/
°C
Dynamic AC Characteristics
fin = 10 MHz, TA = 25°C
74.5
fin = 30 MHz
74
fin = 50 MHz
73.5
fin = 70 MHz, TA = 25°C
73.5
SNR
Signal-to-noise ratio
fin = 70 MHz, TA =25°C to 85°C
70
73
dBFS
fin = 70 MHz, TA –40°C
69
73
fin = 130 MHz
71.5
fin = 170 MHz
70.5
fin = 230 MHz
69
RMS output noise
INPA and INMA tied to CMA
1.1
LSBs
SPECIFICATIONS
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com