Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 30 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 26Page - Texas Instruments AFE8405 Datasheet HTML 27Page - Texas Instruments AFE8405 Datasheet HTML 28Page - Texas Instruments AFE8405 Datasheet HTML 29Page - Texas Instruments AFE8405 Datasheet HTML 30Page - Texas Instruments AFE8405 Datasheet HTML 31Page - Texas Instruments AFE8405 Datasheet HTML 32Page - Texas Instruments AFE8405 Datasheet HTML 33Page - Texas Instruments AFE8405 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
7
RECEIVE DIGITAL SIGNAL PROCESSING
7.1 Receive Input Interface
B0106-01
FIFO
16
rxin_a
(1)
16
DualRealor
SingleComplex
PowerMeter
DualRealor
SingleComplex
AGC
DualRealor
SingleComplex
AGC
DualRealor
SingleComplex
PowerMeter
FIFO
16
rxin_b
(2)
16
FIFO
16
rxin_c
16
FIFO
16
rxin_d
16
dvga_c
dvga_d
dvga_a
dvga_b
6
6
6
6
18
rx_distribution
BustoDDC
Channels
Test&Noise
Signal
Generator
Test&Noise
Signal
Generator
Test&Noise
Signal
Generator
Test&Noise
Signal
Generator
16
16
16
16
To Testbus
TestBusSelect
andDecimation
Testbus
Sources
1to64
Sample
Delay
Line
1to64
Sample
Delay
Line
1to64
Sample
Delay
Line
1to64
Sample
Delay
Line
delay_a
18
delay_b
18
delay_c
18
delay_d
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
The downconversion section of the AFE8405 consists of the receive input interface, the rx_distribution
bus, and eight digital downconverter blocks.
The purpose of the receive input interface is to accept signal data from three 16-bit input ports, measure
the input signal power, control the digital VGA, and distribute the data to the DDC blocks. The input
interface also has a user-controlled test generator and noise source.
The rx_distribution bus distributes the three channels of signal data to each of the eight DDC blocks.
Each DDC block selects one of the three channels (or two for complex input data) from the rx_distribution
bus and then performs downconversion tuning, programmable delay, channel filtering with decimation,
power measurement, fixed gain adjust, and/or automatic gain control. Each DDC block can support one
UMTS channel, two CDMA channels, or two TD-SCDMA channels. An optional mode permits stacking two
DDC blocks in UMTS mode to provide double-length final pulse-shape filtering.
Tuned, filtered, and decimated signal data is output in bit-serial or parallel format.
(1)
Hard-wired to internal ADCA
(2)
The rxin_b port is not used and not connected internally.
Figure 7-1. Receive Data Input Interface
The AFE8405 receive input data interface accepts data from several sources:
• Signal data from the integrated 14-bit ADC (rxin_a)
• Signal data presented at the two 16-bit digital data input ports (rxin_c and rxin_d)
• An LFSR test signal generator allows the AFE8405 to be tested using a known repetitive data
sequence.
RECEIVE DIGITAL SIGNAL PROCESSING
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com