Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 19 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 15Page - Texas Instruments AFE8405 Datasheet HTML 16Page - Texas Instruments AFE8405 Datasheet HTML 17Page - Texas Instruments AFE8405 Datasheet HTML 18Page - Texas Instruments AFE8405 Datasheet HTML 19Page - Texas Instruments AFE8405 Datasheet HTML 20Page - Texas Instruments AFE8405 Datasheet HTML 21Page - Texas Instruments AFE8405 Datasheet HTML 22Page - Texas Instruments AFE8405 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.00
0.25
0.50
0.75
1.00
1.25
fS = 80 MSPS
fIN = 90.1 MHz
SFDR = 83.93 dBc
SINAD = 72.96 dBFS
SNR = 73.3 dBFS
THD = 82.54 dBc
G007
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.00
0.25
0.50
0.75
1.00
1.25
fS = 80 MSPS
fIN = 130.1 MHz
SFDR = 80.69 dBc
SINAD = 72.02 dBFS
SNR = 72.6 dBFS
THD = 79.65 dBc
G008
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.00
0.25
0.50
0.75
1.00
1.25
fS = 80 MSPS
fIN = 170.1 MHz
SFDR = 78 dBc
SINAD = 70.41 dBFS
SNR = 71.55 dBFS
THD = 75.55 dBc
G009
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.00
0.25
0.50
0.75
1.00
1.25
fS = 80 MSPS
fIN = 230.1 MHz
SFDR = 71.47 dBc
SINAD = 68.43 dBFS
SNR = 70.53 dBFS
THD = 70.92 dBc
G010
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 5-7.
Figure 5-8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 5-9.
Figure 5-10.
Submit Documentation Feedback
Typical Characteristics
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com