Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 99 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 99 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 95Page - Texas Instruments AFE8405 Datasheet HTML 96Page - Texas Instruments AFE8405 Datasheet HTML 97Page - Texas Instruments AFE8405 Datasheet HTML 98Page - Texas Instruments AFE8405 Datasheet HTML 99Page - Texas Instruments AFE8405 Datasheet HTML 100Page - Texas Instruments AFE8405 Datasheet HTML 101Page - Texas Instruments AFE8405 Datasheet HTML 102Page - Texas Instruments AFE8405 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
8.4.3.21 RECV_PMETER3_SQR_SUM_LSB Register
8.4.3.22 RECV_PMETER3_STRT_INTVL_LSB Register
8.4.3.23 RECV_PMETER3_SYNC_DLY Register
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Register name: RECV_PMETER3_SQR_SUM_LSB
Page: 0x1800
Address: 0x14
BIT 15
BIT 8
recv_pmeter3_sqr_sum (15:8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter3_sqr_sum (7:0)
0
0
0
0
0
0
0
0
recv_pmeter3_sqr_sum(15:0): Lower 16 bits of the sqr_sum interval timer, in eight-sample units
Register name: RECV_PMETER3_STRT_INTVL_LSB
Page: 0x1800
Address: 0x15
BIT 15
BIT 8
recv_pmeter3_strt_intrvl (15:8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter3_strt_intrvl (7:0)
0
0
0
0
0
0
0
0
recv_pmeter3_strt_intrvl(15:0): Lower 16 bits of the interval timer, in eight-sample units
Register name: RECV_PMETER3_SYNC_DLY
Page: 0x1800
Address: 0x16
BIT 15
BIT 8
delay_line_3(5:0)
Unused
recv_pme
ter3_sync_
delay(8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter3_sync_delay (7:0)
0
0
0
0
0
0
0
0
delay_line_3(5:0): Pointer offset for the rxin_d path variable delay line. Larger values result in larger
pointer offsets and therefore more path delay.
recv_pmeter3_sync_delay(8:0): Programmable start delay from sync, in eight-sample units
Submit Documentation Feedback
AFE8405 GENERAL CONTROL
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com