Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 103 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 99Page - Texas Instruments AFE8405 Datasheet HTML 100Page - Texas Instruments AFE8405 Datasheet HTML 101Page - Texas Instruments AFE8405 Datasheet HTML 102Page - Texas Instruments AFE8405 Datasheet HTML 103Page - Texas Instruments AFE8405 Datasheet HTML 104Page - Texas Instruments AFE8405 Datasheet HTML 105Page - Texas Instruments AFE8405 Datasheet HTML 106Page - Texas Instruments AFE8405 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
8.4.3.33 RECV_PMETER1_UMSB Register
8.4.3.34 RECV_PMETER2_LSB Register
8.4.3.35 RECV_PMETER2_MID Register
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
Register name: RECV_PMETER1_UMSB
Page: 0x1820
Address: 0x07
Read-only
BIT 15
BIT 8
Unused
Unused
Unused
Unused
Unused
Unused
recv_pmeter1(57:56)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter1(55:48)
0
0
0
0
0
0
0
0
recv_pmeter1(57:48): Upper MSB bits of the power meter 1 measurement
Register name: RECV_PMETER2_LSB
Page: 0x1820
Address: 0x08
Read-only
BIT 15
BIT 8
recv_pmeter2(15:8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter2(7:0)
0
0
0
0
0
0
0
0
recv_pmeter2(15:0): Lower bits of the power meter 2 measurement
Register name: RECV_PMETER2_MID
Page: 0x1820
Address: 0x09
Read-only
BIT 15
BIT 8
recv_pmeter2(31:24)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter2(23:16)
0
0
0
0
0
0
0
0
recv_pmeter2(31:16): Mid bits of the power meter 2 measurement
Submit Documentation Feedback
AFE8405 GENERAL CONTROL
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com