Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 1 Page - Texas Instruments

  AFE8405 Datasheet HTML 1Page - Texas Instruments AFE8405 Datasheet HTML 2Page - Texas Instruments AFE8405 Datasheet HTML 3Page - Texas Instruments AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
1
Introduction
1.1 FEATURES
1.2 APPLICATIONS
Contents
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
–
Individual Channel-Specific Power
• 14-Bit 85-MSPS High-Performance Single ADC
Measurements
• At f
in = 140 MHz, SNR ≥ 71 dBFS,
–
A Dedicated Final AGC
SFDR
≥ 79 dBc
• Test Bus to Monitor Data at Different Stages of
• At f
in = 70 MHz, SNR ≥ 73 dBFS,
the DDC Signal Path
SFDR
≥ 85 dBc
• 3.3-V Analog Supplies, 1.5-V Digital Core
• Independent Clocks for ADC and DDC With
Supply, 3.3-V Digital I/O Supply
Built-In FIFO
• 484-Ball Plastic BGA (23 mm × 23 mm) With
• Programmable Closed-Loop VGA Control With
1,0-mm Pitch
6-Bit Outputs for ADC
• Power Dissipation (Eight Active DDC
• Received Total Wideband Power (RTWP)
Channels): 2.3 W
Measurement for the Composite Power Across
Carriers With Programmable Time Window for
Measurement
• 8 UMTS Digital Downconverter (DDC)
• Wireless Base Station Receiver
Channels or 16 CDMA/TD-SCDMA DDC
• Multi-Carrier Digital Receiver
Channels With Programmable 18-Bit Filter
• UMTS (8 Carriers-1 Sector)
Coefficients
• CDMA (16 Carriers-1 Sector)
• Each DDC Channel Provides:
• TD-SCDMA (16 Carriers-1 Sector)
–
Real or Complex DDC Inputs
–
UMTS Mode Rx Filtering: 6-Stage CIC (m =
• Digital Radio Receivers
1 or 2), up to 40-Tap CFIR, up to 64-Tap
• Wideband Receivers
PFIR
• Software Radios
–
CDMA Mode Rx Filtering: 6-Stage CIC (m =
• Wireless Local Loop
1 or 2), up to 64-Tap CFIR, up to 64-Tap
PFIR
• Intelligent Antenna Systems
1
Introduction
............................................... 1
4.5
Factory Test and No-Connect Signals
.............. 15
1.1
FEATURES
........................................... 1
4.6
Power and Ground Signals
.......................... 15
1.2
APPLICATIONS
...................................... 1
4.7
Digital Supply Monitoring
............................ 16
2
General Description
..................................... 3
4.8
JTAG
................................................ 16
3
SPECIFICATIONS
........................................ 4
5
Typical Characteristics
................................ 17
3.1
PACKAGE ORDERING INFORMATION
............. 4
6
ANALOG-TO-DIGITAL CONVERTERS
.............. 24
3.2
ABSOLUTE MAXIMUM RATINGS
................... 4
6.1
ADC Operation
...................................... 24
3.3
RECOMMENDED OPERATING CONDITIONS
...... 4
6.2
ADC Input Configuration
............................ 24
3.4
THERMAL CHARACTERISTICS
..................... 5
6.3
ADC Input Voltage Overstress
...................... 28
3.5
POWER DISSIPATION
............................... 5
6.4
ADC Reference Circuit
.............................. 28
3.6
ANALOG ELECTRICAL CHARACTERISTICS
....... 6
6.5
ADC Clock Input
..................................... 28
3.7
DIGITAL CHIP DC CHARACTERISTICS
............ 8
7
RECEIVE DIGITAL SIGNAL PROCESSING
........ 30
3.8
DIGITAL CHIP AC TIMING CHARACTERISTICS
... 9
7.1
Receive Input Interface
.............................. 30
4
AFE8405 PINS
........................................... 10
7.2
DDC Organization
................................... 43
4.1
Analog Section Signals
.............................. 10
8
AFE8405 GENERAL CONTROL
...................... 73
8.1
Microprocessor Interface Control Data, Address,
4.2
Digital Receive Section Signals
..................... 11
and Strobes
......................................... 73
4.3
Microprocessor Signals
............................. 14
8.2
Synchronization Signals
............................. 76
4.4
JTAG Signals
........................................ 15
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE8405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8406 TI-AFE8406 Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406TBD TI-AFE8406TBD Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
More results

Similar Description - AFE8405

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
logo
Analog Devices
AD6654 AD-AD6654 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
4/05-Revision 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com