Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 67 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 63Page - Texas Instruments AFE8405 Datasheet HTML 64Page - Texas Instruments AFE8405 Datasheet HTML 65Page - Texas Instruments AFE8405 Datasheet HTML 66Page - Texas Instruments AFE8405 Datasheet HTML 67Page - Texas Instruments AFE8405 Datasheet HTML 68Page - Texas Instruments AFE8405 Datasheet HTML 69Page - Texas Instruments AFE8405 Datasheet HTML 70Page - Texas Instruments AFE8405 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
The AGC noise once the AGC has converged is a random error of amplitude 2–D relative to the RMS
signal level. This means that the error level is –6
× D dB below the signal RMS level. At D = 10 (–60 dB)
the error is negligible. The plot of Figure 7-29 shows the AGC response for vales of D ranging from 3 to
18. Error dB represents the distance the signal level is from the desired target threshold.
The AGC is also subject to user-specified upper and lower adjustment limits. The AGC stops incrementing
the gain if the adjustment exceeds Amax. It stops decrementing the gain if the adjustment is less than
Amin.
The input data is received with a valid flag that is high when a valid sample is received. For complex data,
the I and Q samples are on the same data input line and are not treated independently. An adjustment is
made for the magnitude of the I sample, and then another adjustment is made for the Q sample.
The AGC operates on UMTS and CDMA data. When in UMTS mode, the I and Q data are each used to
produce the AGC level. There is no separate I path gain and Q path gain. When in CDMA mode there are
separate gain levels for the signal and diversity I and Q data. The I and Q for A (or the signal) pair is
calculated and then the I' and Q' for the B (or diversity) pair is calculated.
There is a freeze mode for holding the accumulator at its current level. This puts the AGC in a hold mode
using the user-programmed gain along with the current gain_adjust value. To use only the
user-programmed gain value as the gain, set the freeze bit and then clear the accumulator. When using
the freeze bit, the full 25-bit output is sent out of the AGC block to support transferring up to 25 bits when
the AGC is disabled.
For TDD applications, freeze mode can be controlled using a sync source. This allows rxsync_a/b/c/d to
be assigned as an AGC hold signal to keep the AGC from responding during the transmit interval and run
during the receive interval. The freeze register bit is logically ORed with the freeze sync source.
The current AGC gain and state can also be optionally output with the DDCs I and Q output data by
setting the gain_mon variable. When in this mode, the top 14 bits of the current AGC gain word are
appended to the 8-bit AGC-modified I and Q output data.
A
Output
Bits(17:10)
Bits(9:4)
Bits(3:2)
Bits(1:0)
I
I output data
Gain(23:16)
00
Q
Q output data
Gain(15:10)
AGC State(1:0)
00
PROGRAMMING
VARIABLE
DESCRIPTION
agc_dblw(3:0)
Below threshold gain. Sets the value of gain step size Dblw (data x current gain below threshold). Ranges from
3 to 18, and maps to a 4-bit field. For example: 3 = 0000, 4 = 0001,
… 18 = 1111
agc_dabv(3:0)
Above threshold gain. Sets the value of gain step size Dabv (data x current gain above threshold). Ranges
from 3 to 18, and maps to a 4-bit field. For example: 3 = 0000, 4 = 0001,
… 18 = 1111
agc_dzro(3:0)
Zero signal gain. Sets the value of gain step size Dzro (data x current gain consistently zero). Ranges from 3 to
18, and maps to a 4-bit field. For example: 3 = 0000, 4 = 0001,
… 18 = 1111
agc_dsat (3:0)
Saturated signal gain. Sets the value of gain step size Dsat (data x current gain consistently saturated).
Ranges from 3 to 18, and maps to a 4-bit field. For example: 3 = 0000, 4 = 0001,
… 18 = 1111
agc_zero_msk(3:0)
Masks the lower 4 bits of signal data so as to be considered zeros.
agc_md(3:0)
AGC rounding. 0000 = 18 bits out, 1111 = 3 bits out.
agc_thresh(7:0)
AGC threshold. Compared with magnitude of 8 bits of input
× gain.
agc_rnd_disable
AGC rounding is disabled when this bit is set.
agc_freeze
The AGC gain adjustment updates are disabled when set.
agc_clear
The AGC gain adjustment accumulator is cleared when set.
agc_gaina(23:0)
24-bit gain word for DDC A
agc_gainb(23:0)
24-bit gain word for DDC B (in CDMA mode)
agc_zero_cnt(3:0)
When the AGC output (input
× gain) is zero-value this number of times, the shift value is changed to
agc_dzero.
Submit Documentation Feedback
RECEIVE DIGITAL SIGNAL PROCESSING
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com