Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 42Page - Texas Instruments AFE8405 Datasheet HTML 43Page - Texas Instruments AFE8405 Datasheet HTML 44Page - Texas Instruments AFE8405 Datasheet HTML 45Page - Texas Instruments AFE8405 Datasheet HTML 46Page - Texas Instruments AFE8405 Datasheet HTML 47Page - Texas Instruments AFE8405 Datasheet HTML 48Page - Texas Instruments AFE8405 Datasheet HTML 49Page - Texas Instruments AFE8405 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
7.2.2
DDC Mixer
B0119-01
4to2
Select
18
18
18
18
18
18
18
18
20
20
18
18
Demux
and
Round
Sin
Cos
FromNCO
mixer_gain
From
rx_distribution
Bus
I
A
To
Channel
Delay
Q
A
Q
B
I
B
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
Each AFE8405 downconversion block can process two CDMA carriers or a single UMTS carrier. Signal
data is selected from one of four ports for real inputs, or two of four ports for complex inputs. Data from
the selected port(s) is multiplied with a complex, programmable, numerically controlled oscillator (NCO)
which tunes the signal of interest to baseband. The delay adjust and zero pad blocks permit adjustment of
the delay in the end-to-end channel. Zero padding interpolates the signal to the rxclk rate. Filtering
consists of a six-stage CIC filter which decimates the tuned data by a factor from 4 to 32, a compensating
FIR filter (CFIR) which decimates by a factor of two, followed by a programmable FIR filter (PFIR) which
does not decimate. The output interface block can be programmed to decimate by 2 if desired.
The RMS power meter measures the power within the channel bandwidth. The AGC automatically drives
the gain and keeps the magnitude of the signal at a user-specified level. This allows fewer bits to
represent the signal. The serial output interface formats and rounds the output data. Each of the
previously mentioned blocks is described in greater detail in the following sections.
Figure 7-15. Mixer Functional Block Diagram
The receive mixer translates the input (from one of the input signal sources) to baseband where
subsequent filtering is performed to isolate the signal of interest. The mixer is a complex multiplier that
accepts 18-bit I and 18-bit Q signal data from the receive input interface and 20-bit sine and cosine
sequences from the NCO. The NCO generates a mixing frequency (sometimes referred to as a local
oscillator, or LO) specified by the user so that the desired signal is tuned to 0 Hz.
A DDC channel can support one UMTS signal directly, or two CDMA channels at half the input rate. When
in CDMA mode, the path selection and the mixer tuning and phase of each channel can be set
independently. The mixer output produces two complex streams; one representing the signal path for the
A-side DDC, the other for the B-side. Each of these streams drives a channel delay and zero pad block.
The maximum input rate for UMTS is rxclk for either real or complex input data.
The maximum input rate in CDMA mode with real inputs is rxclk (remix_only is set, see the following).
The maximum input rate in CDMA mode with complex inputs is rxclk/2 due to sharing of multiplier
resources.
RECEIVE DIGITAL SIGNAL PROCESSING
46
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com