Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 73 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 69Page - Texas Instruments AFE8405 Datasheet HTML 70Page - Texas Instruments AFE8405 Datasheet HTML 71Page - Texas Instruments AFE8405 Datasheet HTML 72Page - Texas Instruments AFE8405 Datasheet HTML 73Page - Texas Instruments AFE8405 Datasheet HTML 74Page - Texas Instruments AFE8405 Datasheet HTML 75Page - Texas Instruments AFE8405 Datasheet HTML 76Page - Texas Instruments AFE8405 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
8
AFE8405 GENERAL CONTROL
8.1 Microprocessor Interface Control Data, Address, and Strobes
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
The AFE8405 is configured over a bidirectional 16-bit parallel-data microprocessor control port. The
control port permits access to the control registers which configure the chip. The control registers are
organized using a paged-access scheme using 6 address lines. Half of the 64 addresses (address 32
through address 63) represent global registers. The other 32 (address 0 through address 31) are paged
registers. This arrangement permits accessing a large number of control registers using relatively few
address lines.
Global registers (Address 32 through Address 63) are used to read/write AFE8405 parameters that are
global in nature and can benefit from single read/write operations. Examples include chip status, reset,
sync options, checksum ramp parameters, interrupt sources, interrupt masks, 3-state controls and the
page register.
Global address 33 is the page register. Writing a 16-bit value to this register sets the page to which future
write or read operations performed. These paged registers contain the actual parameters that configure
the chip and are accessed by writing/reading address 0 through address 31.
The global 3-state register can be used to place the output drivers on the AFE8405 in the high-impedance
state, and also includes the capability of disabling the internal rxclk of the chip.
A
PROGRAMMING
VARIABLE
DESCRIPTION
rxclk_ena
Enables the internal rxclk when set. When cleared, the AFE8405 ignores the rxclk input signal and hold
the internal clock low.
3-state(10:0)
Various output pins are forced into the high-impedance state when these bits are asserted. See the
GBL_3STATE register description for pin groups to bit assignments.
arst_func
When asserted, the internal data path is held reset. The control register programming is not affected.
The microprocessor control bus consists of 16 bidirectional control data lines d[15:0], 6 address lines
a[5:0], a read enable line rd_n, a write enable line wr_n, and a chip enable line ce_n. These lines usually
interface to a microprocessor or DSP chip and are intended to look like a block of memory.
The interface can be operated in a three-pin control mode (using rd_n, wr_n and ce_n) or two-pin control
mode (using wr_n and ce_n with rd_n always low).
Submit Documentation Feedback
AFE8405 GENERAL CONTROL
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com