Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 5 Page - Texas Instruments

  AFE8405 Datasheet HTML 1Page - Texas Instruments AFE8405 Datasheet HTML 2Page - Texas Instruments AFE8405 Datasheet HTML 3Page - Texas Instruments AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
3.4
THERMAL CHARACTERISTICS
3.5
POWER DISSIPATION
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
THERMAL CONDUCTIVITY(1)
MIN
TYP
MAX
UNIT
Theta junction-to-ambient (0 LFPM)
14
°C/W
Theta junction-to-ambient (100 LFPM)
13
°C/W
RθJA
Theta junction-to-ambient (250 LFPM)
12.2
°C/W
Theta junction-to-ambient (500 LFPM)
11.6
°C/W
RθJC
Theta junction-to-case
2.8
°C/W
(1)
Air flow reduces RθJA and is highly recommended.
Typical values at TA = 25°C, UMTS mode, sampling rate = 61.44 MSPS, and rxclk = 122.88 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IAVDD
Analog supply current
Six active DDC channels
123
mA
IDRVDD Analog I/O supply current
21.5
mA
IDVDD
Digital core supply current
959
mA
IVDDS
Digital I/O supply current (1)
100
mA
Analog power dissipation
477
mW
Digital power dissipation (2)
1.439
W
Total power dissipation (2)
1.9
W
IAVDD
Analog supply current
Eight active DDC channels
123
mA
IDRVDD Analog I/O supply current
21.5
mA
IDVDD
Digital core supply current
1.198
A
IVDDS
Digital I/O supply current (1)
115
mA
Analog power dissipation
477
mW
Digital power dissipation (2)
1.797
W
Total power dissipation (2)
2.3
W
(1)
Current consumption on the digital I/O supply is primarily due to the external loads and follows C
× V × F. Internal loads are estimated at
2 pF per terminal. Data outputs transition once every four clocks, whereas clock outputs transition every cycle. In general,
IVDDS = Σ (DataPad/4) × C × V × F + Σ ClockPad × C × V × F.
(2)
Excluding current consumption from the digital I/O supply, which is dependent on external loads
Submit Documentation Feedback
SPECIFICATIONS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com