Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 4 Page - Texas Instruments

  AFE8405 Datasheet HTML 1Page - Texas Instruments AFE8405 Datasheet HTML 2Page - Texas Instruments AFE8405 Datasheet HTML 3Page - Texas Instruments AFE8405 Datasheet HTML 4Page - Texas Instruments AFE8405 Datasheet HTML 5Page - Texas Instruments AFE8405 Datasheet HTML 6Page - Texas Instruments AFE8405 Datasheet HTML 7Page - Texas Instruments AFE8405 Datasheet HTML 8Page - Texas Instruments AFE8405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
3
SPECIFICATIONS
3.1 PACKAGE ORDERING INFORMATION
3.2 ABSOLUTE MAXIMUM RATINGS
(1)
3.3
RECOMMENDED OPERATING CONDITIONS
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
SPECIFIED
TRANSPORT
PACKAGE
PACKAGE
ORDERING
PRODUCT
PACKAGE–LEADS
TEMPERATURE
MEDIA,
DESIGNATOR
MARKING
NUMBER
RANGE
QUANTITY
AFE8405
Plastic BGA–484
ZDQ
–40
°C to 85°C
AFE8405I
AFE8405IZDQ
Tray, 60
UNIT
Analog Chip
AVDD
Analog supply voltage
–0.3 V to 3.7 V
DRVDD
I/O ring supply voltage
–0.3 V to 3.7 V
Ground difference DRVSS to AVSS
–0.1 V to 0.1 V
Analog input voltage
–0.15 V to 3.6 V
Digital input voltage
–0.3 V to DRVDD + 0.3 V
Digital Chip
VDDS
Pad ring supply voltage
–0.3 V to 3.7 V
DVDD
Core supply voltage
–0.3 V to 1.8 V
Digital input voltage
–0.3 V to VDDS + 0.3 V
Entire Chip
Clamp current for an input or output
–20 mA to 20 mA
TSTG
Storage temperature
–65
°Cto 140°C
TJ
Junction temperature
105
°C
Lead soldering temperature (10 seconds)
300
°C
ESD classification (tested to EIA/JESD22-A114-B)
Class 2
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Analog Chip
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD
I/O ring supply voltage
3
3.3
3.6
V
VID
Differential input voltage range
2.3
V
VCM
Common-mode input voltage
1.5
1.6
V
Differential clock inputs
3
VPP
Clock input duty cycle
50%
Digital Chip
VDDS
I/O ring supply voltage
3
3.6
V
DVDD
Core supply voltage
1.425
1.575
V
Supply voltage difference, VDDS – DVDD
2
V
Entire Chip
TA
Temperature ambient, no air flow
–40
85
°C
TJ
(1)
Junction temperature
105
°C
(1)
Thermal management is required for full-rate operation. The circuit is designed for junction temperatures up to 125
°C. Sustained
operation at elevated temperatures reduces long-term reliability. Lifetime calculations based on maximum junction temperature of
105
°C.
SPECIFICATIONS
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com