Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 24Page - Texas Instruments AFE8405 Datasheet HTML 25Page - Texas Instruments AFE8405 Datasheet HTML 26Page - Texas Instruments AFE8405 Datasheet HTML 27Page - Texas Instruments AFE8405 Datasheet HTML 28Page - Texas Instruments AFE8405 Datasheet HTML 29Page - Texas Instruments AFE8405 Datasheet HTML 30Page - Texas Instruments AFE8405 Datasheet HTML 31Page - Texas Instruments AFE8405 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
6.3 ADC Input Voltage Overstress
6.4 ADC Reference Circuit
S0179-01
20 W
refp
29
refm
30
iref
31
1 F
m
1 F
m
20 W
56.2kW
6.5 ADC Clock Input
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
SLWS212 – OCTOBER 2008
www.ti.com
The AFE8405 ADC can handle absolute maximum voltages of 3.6 V dc on the input pins inp and inm. For
dc inputs between 3.6 V and 3.8 V, a 25-
Ω resistor is required in series with the input pins. For inputs
above 3.8 V, the device can handle only transients, which must have less than 5% duty cycle of
overstress. The input pins connect internally to an ESD diode to AVDD, as well as a switched capacitor
circuit. The sampling capacitor of the switched capacitor circuit connects to the input pins through a switch
in the sample phase. In this phase, an input larger than 2.65 V would cause the switched capacitor circuit
to present an equivalent load of a forward biased diode to 2.65 V in series with a 60-
Ω impedance. Also,
beyond the voltage on AVDD, the ESD diode to AVDD starts to become forward biased.
In the phase where the sampling switch is off, the diode loading from the input switched capacitor circuit is
disconnected from the pin, while the ESD loading to AVDD is still present.
CAUTION
A violation of any of the previously stated conditions could damage the device (or
reduce its lifetime) either due to electromigration or gate oxide integrity. Care should
be taken not to expose the device to input overvoltage for extended periods of time,
as it may degrade device reliability.
The AFE8405 ADC has built-in internal reference generation, requiring no external circuitry on the printed
circuit board (PCB). For optimum performance, it is best to connect both refp and refm to ground with a
1-
µF decoupling capacitor in series with a 20-Ω resistor, as shown in the Figure 6-6. In addition, an
external 56.2-k
Ω resistor should be connected from iref to AVSS to set the proper current for the operation
of the ADC, as shown in Figure 6-6. No capacitor should be connected between these pins; only the
56.2-k
Ω resistor should be used.
Figure 6-6. REFP, REFM, and IREF Connections for Optimum Performance
The AFE8405 ADC clock input can be driven with either a differential clock signal or a single-ended clock
input, with little or no difference in performance between the configurations. The common-mode voltage of
the clock inputs is set internally to cm using internal 5-k
Ω resistors that connect clkp and clkm to cm, as
shown in Figure 6-7.
ANALOG-TO-DIGITAL CONVERTERS
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com