Electronic Components Datasheet Search
  English  ▼

X  

AFE8405 Datasheet(PDF) 27 Page - Texas Instruments

Part # AFE8405
Description  14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8405 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE8405 Datasheet HTML 23Page - Texas Instruments AFE8405 Datasheet HTML 24Page - Texas Instruments AFE8405 Datasheet HTML 25Page - Texas Instruments AFE8405 Datasheet HTML 26Page - Texas Instruments AFE8405 Datasheet HTML 27Page - Texas Instruments AFE8405 Datasheet HTML 28Page - Texas Instruments AFE8405 Datasheet HTML 29Page - Texas Instruments AFE8405 Datasheet HTML 30Page - Texas Instruments AFE8405 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
S0177-05
R
T
100 W
+
–
OPA695
imm
imp
5V
cm
R
1
400 W
0.1 F
m
AFE8405
C
IN
R
IN
0.1 F
m
1:1
–5V
R
2
57.5 W
V
IN
AV=8V/V
(18dB)
R
S
100 W
1000pF
10 W
R
IN
S0178-02
VOCM
inm
3.3V
5V
10 F
m
0.1 F
m
THS4503
R
T
R
S
AFE8405
14-Bit/85-MSPS
R
G
R
F
R
IN
R
IN
1 F
m
10 F
m
0.1 F
m
–5V
R
G
R
F
10 W
0.1 F
m
inp
cm
AFE8405
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS212 – OCTOBER 2008
When using single-ended operational amplifiers (such as the THS3201, THS3202, OPA847, or OPA695)
to provide gain, a three-amplifier circuit is recommended with one amplifier driving the primary of an RF
transformer and one amplifier in each of the legs of the secondary driving the two differential inputs of the
ADC. These three amplifier circuits minimize even-order harmonics. For high-frequency inputs, an RF gain
block amplifier can be used to drive a transformer primary; in this case, the transformer secondary
connections can drive the input of the ADC directly, as shown in Figure 6-3, or with the addition of the
filter circuit shown in Figure 6-4.
Figure 6-4 illustrates how RIN and CIN can be placed to isolate the signal source from the switching inputs
of the ADC and to implement a low-pass RC filter to limit the input noise in the ADC. It is recommended
that these components be included in the AFE8405 circuit layout when any of the amplifier circuits
discussed previously are used. The components allow fine-tuning of the circuit performance. Any
mismatch between the differential lines of the ADC input produces a degradation in performance at high
input frequencies, mainly characterized by an increase in the even-order harmonics. In this case, special
care should be taken to keep as much electrical symmetry as possible between both inputs.
Another possible configuration for lower-frequency signals is the use of differential input/output amplifiers
that can simplify the driver circuit for applications requiring dc coupling of the input. Flexible in their
configurations (see Figure 6-5), such amplifiers can be used for single-ended-to-differential conversion
and signal amplification.
Figure 6-4. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
Figure 6-5. Using the THS4503 With the AFE8405
Submit Documentation Feedback
ANALOG-TO-DIGITAL CONVERTERS
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com