Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 357Page - Renesas Technology Corp SH7101 Datasheet HTML 358Page - Renesas Technology Corp SH7101 Datasheet HTML 359Page - Renesas Technology Corp SH7101 Datasheet HTML 360Page - Renesas Technology Corp SH7101 Datasheet HTML 361Page - Renesas Technology Corp SH7101 Datasheet HTML 362Page - Renesas Technology Corp SH7101 Datasheet HTML 363Page - Renesas Technology Corp SH7101 Datasheet HTML 364Page - Renesas Technology Corp SH7101 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 327 of 448
REJ09B0394-0200
11.2
Input/Output Pins
Table 11.1 summarizes the input pins used by the A/D converter. This LSI has two A/D
conversion modules, each of which can be operated independently. The input channels are divided
into four channel sets.
Table 11.1
Pin Configuration
Module Type
Pin Name
I/O
Function
Common
AV
CC
Input
Analog block power supply and reference voltage
AV
SS
Input
Analog block ground and reference voltage
ADTRG
Input
A/D external trigger input pin
AN8
Input
Analog input pin 8
Group 1
A/D module 0
(A/D0)
AN9
Input
Analog input pin 9
AN10
Input
Analog input pin 10
AN11
Input
Analog input pin 11
AN12
Input
Analog input pin 12
Group 1
A/D module 1
(A/D1)
AN13
Input
Analog input pin 13
AN14
Input
Analog input pin 14
AN15
Input
Analog input pin 15
Note:
The connected A/D module differs for each pin. The control registers of each module must
be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com