Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 358Page - Renesas Technology Corp SH7101 Datasheet HTML 359Page - Renesas Technology Corp SH7101 Datasheet HTML 360Page - Renesas Technology Corp SH7101 Datasheet HTML 361Page - Renesas Technology Corp SH7101 Datasheet HTML 362Page - Renesas Technology Corp SH7101 Datasheet HTML 363Page - Renesas Technology Corp SH7101 Datasheet HTML 364Page - Renesas Technology Corp SH7101 Datasheet HTML 365Page - Renesas Technology Corp SH7101 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 328 of 448
REJ09B0394-0200
11.3
Register Descriptions
The A/D converter has the following registers. For details on register addresses and register states
in each operating mode, refer to section 18, List of Registers.
• A/D data register 8 (H/L) (ADDR8)
• A/D data register 9 (H/L) (ADDR9)
• A/D data register 10 (H/L) (ADDR10)
• A/D data register 11 (H/L) (ADDR11)
• A/D data register 12 (H/L) (ADDR12)
• A/D data register 13 (H/L) (ADDR13)
• A/D data register 14 (H/L) (ADDR14)
• A/D data register 15 (H/L) (ADDR15)
• A/D control/status register_0 (ADCSR_0)
• A/D control/status register_1 (ADCSR_1)
• A/D control register_0 (ADCR_0)
• A/D control register_1 (ADCR_1)
• A/D trigger select register (ADTSR)
11.3.1
A/D Data Registers 8 to 15 (ADDR8 to ADDR15)
ADDR are 16-bit read-only registers. The conversion result for each analog input channel is stored
in ADDR with the corresponding number. (For example, the conversion result of AN8 is stored in
ADDR8.)
The converted 10-bit data is stored in bits 6 to 15. The lower 6 bits are always read as 0.
The data bus between the CPU and the A/D converter is 8 bits wide. The upper byte can be read
directly from the CPU, however the lower byte should be read via a temporary register. The
temporary register contents are transferred from the ADDR when the upper byte data is read.
When reading ADDR, read only the upper byte, or read in word unit. ADDR are initialized to
H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com