Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 361Page - Renesas Technology Corp SH7101 Datasheet HTML 362Page - Renesas Technology Corp SH7101 Datasheet HTML 363Page - Renesas Technology Corp SH7101 Datasheet HTML 364Page - Renesas Technology Corp SH7101 Datasheet HTML 365Page - Renesas Technology Corp SH7101 Datasheet HTML 366Page - Renesas Technology Corp SH7101 Datasheet HTML 367Page - Renesas Technology Corp SH7101 Datasheet HTML 368Page - Renesas Technology Corp SH7101 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 331 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
ADST
0
R/W
A/D Start
Starts or stops A/D conversion. When this bit is set to 1,
A/D conversion is started. When this bit is cleared to 0,
A/D conversion is stopped and the A/D converter enters
the idle state. In single or single-cycle scan mode, this bit
is automatically cleared to 0 when A/D conversion ends
on the selected single channel. In continuous scan mode,
A/D conversion is continuously performed for the
selected channels in sequence until this bit is cleared by
a software, reset, or in software standby mode, or
module standby mode.
3
ADCS
0
R/W
A/D Continuous Scan
Selects either single-cycle scan or continuous scan in
scan mode. This bit is valid only when scan mode is
selected.
0: Single-cycle scan
1: Continuous scan
When changing the operating mode, first clear the ADST
bit in the A/D control registers (ADCR) to 0.
2 to 0
⎯
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com