Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 365Page - Renesas Technology Corp SH7101 Datasheet HTML 366Page - Renesas Technology Corp SH7101 Datasheet HTML 367Page - Renesas Technology Corp SH7101 Datasheet HTML 368Page - Renesas Technology Corp SH7101 Datasheet HTML 369Page - Renesas Technology Corp SH7101 Datasheet HTML 370Page - Renesas Technology Corp SH7101 Datasheet HTML 371Page - Renesas Technology Corp SH7101 Datasheet HTML 372Page - Renesas Technology Corp SH7101 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 335 of 448
REJ09B0394-0200
11.4.3
Single-Cycle Scan Mode
In single-cycle scan mode, A/D conversion is to be performed once on the specified channels (four
channels maximum). Operations are as follows.
1. When the ADST bit in ADCR is set to 1 by a software, MTU, or external trigger input, A/D
conversion starts on the channel with the lowest number in the group (AN8, AN9, ..., AN11).
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion ends.
4. After A/D conversion ends, the ADST bit is automatically cleared to 0 and the A/D converter
enters the idle state. When the ADST bit is cleared to 0 during A/D conversion, A/D
conversion stops and the A/D converter enters the idle state.
11.4.4
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit for each module. The A/D converter
samples the analog input when the A/D conversion start delay time (t
D) has passed after the ADST
bit in ADCR is set to 1, then starts conversion. Figure 11.3 shows the A/D conversion timing.
Table 11.3 shows the A/D conversion time.
As indicated in figure 11.3, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL).
The length of t
D varies depending on the timing of the write access to ADCR. The total
conversion time therefore varies within the ranges indicated in table 11.3.
In scan mode, the values given in table 11.3 apply to the first conversion time. The values given
in table 11.4 apply to the second and subsequent conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com