Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 363Page - Renesas Technology Corp SH7101 Datasheet HTML 364Page - Renesas Technology Corp SH7101 Datasheet HTML 365Page - Renesas Technology Corp SH7101 Datasheet HTML 366Page - Renesas Technology Corp SH7101 Datasheet HTML 367Page - Renesas Technology Corp SH7101 Datasheet HTML 368Page - Renesas Technology Corp SH7101 Datasheet HTML 369Page - Renesas Technology Corp SH7101 Datasheet HTML 370Page - Renesas Technology Corp SH7101 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 333 of 448
REJ09B0394-0200
11.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes; single mode and scan mode. There are two kinds of scan mode: continuous
mode and single-cycle mode. When changing the operating mode or analog input channel, in order
to prevent incorrect operation, first clear the ADST bit to 0 in ADCR. The ADST bit can be set at
the same time when the operating mode or analog input channel is changed.
11.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the specified single channel. The
operations are as follows.
1. A/D conversion is started when the ADST bit in ADCR is set to 1, according to software,
MTU, or external trigger input.
2. When A/D conversion is completed, the result is transferred to the A/D data register
corresponding to the channel.
3. On completion of conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to 1 at
this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion. When A/D conversion ends, the ADST
bit is automatically cleared to 0 and the A/D converter enters the idle state.
When the ADST bit is cleared to 0 during A/D conversion, A/D conversion stops and the A/D
converter enters the idle state.
11.4.2
Continuous Scan Mode
In continuous scan mode, A/D conversion is to be performed sequentially on the specified
channels (four channels maximum). The operations are as follows.
1. When the ADST bit in ADCR is set to 1 by software, MTU, or external trigger input, A/D
conversion starts on the channel with the lowest number in the group (AN8, AN9, ..., AN11).
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion ends.
Conversion of the first channel in the group starts again.
4. Steps 2 to 3 are repeated as long as the ADST bit remains set to 1. When the ADST bit is
cleared to 0, A/D conversion stops and the A/D converter enters the idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com