Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 133Page - Renesas Technology Corp SH7101 Datasheet HTML 134Page - Renesas Technology Corp SH7101 Datasheet HTML 135Page - Renesas Technology Corp SH7101 Datasheet HTML 136Page - Renesas Technology Corp SH7101 Datasheet HTML 137Page - Renesas Technology Corp SH7101 Datasheet HTML 138Page - Renesas Technology Corp SH7101 Datasheet HTML 139Page - Renesas Technology Corp SH7101 Datasheet HTML 140Page - Renesas Technology Corp SH7101 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 103 of 448
REJ09B0394-0200
Table 8.9
MD0 to MD3
Bit 3
MD3
Bit 2
MD2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
1
Reserved (do not set)
1
0
PWM mode 1
1
PWM mode 2*
1
1
0
0
Phase counting mode 1*
2
1
Phase counting mode 2*
2
1
0
Phase counting mode 3*
2
1
Phase counting mode 4*
2
1
0
0
0
Reset synchronous PWM mode*
3
1
Reserved (do not set)
1
X
Reserved (do not set)
1
0
0
Reserved (do not set)
1
Complementary PWM mode 1 (transmit at peak)*
3
1
0
Complementary PWM mode 2 (transmit at valley)*
3
1
Complementary PWM mode 2 (transmit at peak and valley)*
3
Legend:
X: Don't care
Notes: 1. PWM mode 2 can not be set for channels 3, 4.
2. Phase counting mode can not be set for channels 0, 3, and 4.
3. Reset synchronous PWM mode, complementary PWM mode can only be set for
channel 3. When channel 3 is set to reset synchronous PWM mode or complementary
PWM mode, the channel 4 settings become ineffective and automatically conform to the
channel 3 settings. However, do not set channel 4 to reset synchronous PWM mode or
complementary PWM mode. Reset synchronous PWM mode and complementary PWM
mode can not be set for channels 0, 1, and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com