Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 134Page - Renesas Technology Corp SH7101 Datasheet HTML 135Page - Renesas Technology Corp SH7101 Datasheet HTML 136Page - Renesas Technology Corp SH7101 Datasheet HTML 137Page - Renesas Technology Corp SH7101 Datasheet HTML 138Page - Renesas Technology Corp SH7101 Datasheet HTML 139Page - Renesas Technology Corp SH7101 Datasheet HTML 140Page - Renesas Technology Corp SH7101 Datasheet HTML 141Page - Renesas Technology Corp SH7101 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 104 of 448
REJ09B0394-0200
8.3.3
Timer I/O Control Register (TIOR)
The TIOR registers are 8-bit readable/writable registers that control the TGR registers. The MTU
has eight TIOR registers, two each for channels 0, 3, and 4, and one each for channels 1 and 2.
Care is required as TIOR is affected by the TMDR setting. The initial output specified by TIOR is
valid when the counter is stopped (the CST bit in TSTR is cleared to 0). Note also that, in PWM
mode 2, the output at the point at which the counter is cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.
TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIORH_4
Bit
Bit Name
Initial value
R/W
Description
7
6
5
4
IOB3
IOB2
IOB1
IOB0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control B0 to B3
Specify the function of TGRB.
See the following tables.
TIORH_0: Table 8.10
TIOR_1:
Table 8.14
TIOR_2:
Table 8.16
TIORH_3: Table 8.18
TIORH_4: Table 8.22
3
2
1
0
IOA3
IOA2
IOA1
IOA0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control A0 to A3
Specify the function of TGRA.
See the following tables.
TIORH_0: Table 8.11
TIOR_1:
Table 8.15
TIOR_2:
Table 8.17
TIORH_3: Table 8.19
TIORH_4: Table 8.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com