Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 171Page - Renesas Technology Corp SH7101 Datasheet HTML 172Page - Renesas Technology Corp SH7101 Datasheet HTML 173Page - Renesas Technology Corp SH7101 Datasheet HTML 174Page - Renesas Technology Corp SH7101 Datasheet HTML 175Page - Renesas Technology Corp SH7101 Datasheet HTML 176Page - Renesas Technology Corp SH7101 Datasheet HTML 177Page - Renesas Technology Corp SH7101 Datasheet HTML 178Page - Renesas Technology Corp SH7101 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 141 of 448
REJ09B0394-0200
Input Capture Function
The TCNT value can be transferred to TGR on detection of the TIOC pin input edge.
Rising edge, falling edge, or both edges can be selected as the detected edge. For channels 0 and 1,
it is also possible to specify another channel's counter input clock or compare match signal as the
input capture source.
Note:
When another channel's counter input clock is used as the input capture input for channels
0 and 1,
φ /1 should not be selected as the counter input clock used for input capture input.
Input capture will not be generated if
φ /1 is selected.
Example of Input Capture Operation Setting Procedure: Figure 8.9 shows an example of the
input capture operation setting procedure.
Input selection
Select input capture input
Start count
<Input capture operation>
[1]
[2]
[1] Designate TGR as an input capture
register by means of TIOR, and select
rising edge, falling edge, or both edges
as the input capture source and input
signal edge.
[2] Set the CST bit in TSTR to 1 to start
the count operation.
Figure 8.9 Example of Input Capture Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com