Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 169Page - Renesas Technology Corp SH7101 Datasheet HTML 170Page - Renesas Technology Corp SH7101 Datasheet HTML 171Page - Renesas Technology Corp SH7101 Datasheet HTML 172Page - Renesas Technology Corp SH7101 Datasheet HTML 173Page - Renesas Technology Corp SH7101 Datasheet HTML 174Page - Renesas Technology Corp SH7101 Datasheet HTML 175Page - Renesas Technology Corp SH7101 Datasheet HTML 176Page - Renesas Technology Corp SH7101 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 139 of 448
REJ09B0394-0200
Figure 8.5 illustrates periodic counter operation.
TCNT value
TGR
H'0000
CST bit
TGF
Time
Counter cleared by TGR
compare match
Flag cleared by software
Figure 8.5 Periodic Counter Operation
Waveform Output by Compare Match
The MTU can perform 0, 1, or toggle output from the corresponding output pin using compare
match.
Example of Setting Procedure for Waveform Output by Compare Match: Figure 8.6 shows
an example of the setting procedure for waveform output by compare match.
Output selection
Select waveform output
mode
Set output timing
Start count operation
<Waveform output>
[1]
[2]
[3]
[1] Select initial value 0 output or 1 output,
and compare match output value 0
output, 1 output, or toggle output, by
means of TIOR. The set initial value is
output at the TIOC pin until the first
compare match occurs.
[2] Set the timing for compare match
generation in TGR.
[3] Set the CST bit in TSTR to 1 to start the
count operation.
Figure 8.6 Example of Setting Procedure for Waveform Output by Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com