Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 168Page - Renesas Technology Corp SH7101 Datasheet HTML 169Page - Renesas Technology Corp SH7101 Datasheet HTML 170Page - Renesas Technology Corp SH7101 Datasheet HTML 171Page - Renesas Technology Corp SH7101 Datasheet HTML 172Page - Renesas Technology Corp SH7101 Datasheet HTML 173Page - Renesas Technology Corp SH7101 Datasheet HTML 174Page - Renesas Technology Corp SH7101 Datasheet HTML 175Page - Renesas Technology Corp SH7101 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 138 of 448
REJ09B0394-0200
Free-Running Count Operation and Periodic Count Operation: Immediately after a reset, the
MTU's TCNT counters are all designated as free-running counters. When the relevant bit in TSTR
is set to 1 the corresponding TCNT counter starts up-count operation as a free-running counter.
When TCNT overflows (from H'FFFF to H'0000), the TCFV bit in TSR is set to 1. If the value of
the corresponding TCIEV bit in TIER is 1 at this point, the MTU requests an interrupt. After
overflow, TCNT starts counting up again from H'0000.
Figure 8.4 illustrates free-running counter operation.
TCNT value
H'FFFF
H'0000
CST bit
TCFV
Time
Figure 8.4 Free-Running Counter Operation
When compare match is selected as the TCNT clearing source, the TCNT counter for the relevant
channel performs periodic count operation. The TGR register for setting the period is designated
as an output compare register, and counter clearing by compare match is selected by means of bits
CCLR0 to CCLR2 in TCR. After the settings have been made, TCNT starts up-count operation as
a periodic counter when the corresponding bit in TSTR is set to 1. When the count value matches
the value in TGR, the TGF bit in TSR is set to 1 and TCNT is cleared to H'0000.
If the value of the corresponding TGIE bit in TIER is 1 at this point, the TPU requests an interrupt.
After a compare match, TCNT starts counting up again from H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com