| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 207 Page - Renesas Technology Corp |
|
207 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 173 of 448 REJ09B0394-0200 Counter value TGRA_3 TCDR TDDR H'0000 TCNT_4 TCNTS TCNT_3 TCNT_3 TCNT_4 TCNTS Time Figure 8.34 Complementary PWM Mode Counter Operation Register Operation: In complementary PWM mode, nine registers are used, comprising compare registers, buffer registers, and temporary registers. Figure 8.35 shows an example of complementary PWM mode operation. The registers which are constantly compared with the counters to perform PWM output are TGRB_3, TGRA_4, and TGRB_4. When these registers match the counter, the value set in bits OLSN and OLSP in the timer output control register (TOCR) is output. The buffer registers for these compare registers are TGRD_3, TGRC_4, and TGRD_4. Between a buffer register and compare register there is a temporary register. The temporary registers cannot be accessed by the CPU. Data in a compare register is changed by writing the new data to the corresponding buffer register. The buffer registers can be read or written at any time. The data written to a buffer register is constantly transferred to the temporary register in the Ta interval. Data is not transferred to the temporary register in the Tb interval. Data written to a buffer register in this interval is transferred to the temporary register at the end of the Tb interval. The value transferred to a temporary register is transferred to the compare register when TCNTS for which the Tb interval ends matches TGRA_3 when counting up, or H'0000 when counting down. The timing for transfer from the temporary register to the compare register can be selected with bits MD3 to MD0 in the timer mode register (TMDR). Figure 8.35 shows an example in which the mode is selected in which the change is made in the trough. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |