Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 207Page - Renesas Technology Corp SH7101 Datasheet HTML 208Page - Renesas Technology Corp SH7101 Datasheet HTML 209Page - Renesas Technology Corp SH7101 Datasheet HTML 210Page - Renesas Technology Corp SH7101 Datasheet HTML 211Page - Renesas Technology Corp SH7101 Datasheet HTML 212Page - Renesas Technology Corp SH7101 Datasheet HTML 213Page - Renesas Technology Corp SH7101 Datasheet HTML 214Page - Renesas Technology Corp SH7101 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 177 of 448
REJ09B0394-0200
Dead Time Setting: In complementary PWM mode, PWM pulses are output with a non-
overlapping relationship between the positive and negative phases. This non-overlap time is called
the dead time.
The non-overlap time is set in the timer dead time data register (TDDR). The value set in TDDR is
used as the TCNT_3 counter start value, and creates non-overlap between TCNT_3 and TCNT_4.
Complementary PWM mode should be cleared before changing the contents of TDDR.
PWM Cycle Setting: In complementary PWM mode, the PWM pulse cycle is set in two
registers
⎯TGRA_3, in which the TCNT_3 upper limit value is set, and TCDR, in which the
TCNT_4 upper limit value is set. The settings should be made so as to achieve the following
relationship between these two registers:
TGRA_3 set value = TCDR set value + TDDR set value
The TGRA_3 and TCDR settings are made by setting the values in buffer registers TGRC_3 and
TCBR. The values set in TGRC_3 and TCBR are transferred simultaneously to TGRA_3 and
TCDR in accordance with the transfer timing selected with bits MD3 to MD0 in the timer mode
register (TMDR).
The updated PWM cycle is reflected from the next cycle when the data update is performed at the
crest, and from the current cycle when performed in the trough. Figure 8.36 illustrates the
operation when the PWM cycle is updated at the crest.
See the following section, Register data updating, for the method of updating the data in each
buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com