Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 242Page - Renesas Technology Corp SH7101 Datasheet HTML 243Page - Renesas Technology Corp SH7101 Datasheet HTML 244Page - Renesas Technology Corp SH7101 Datasheet HTML 245Page - Renesas Technology Corp SH7101 Datasheet HTML 246Page - Renesas Technology Corp SH7101 Datasheet HTML 247Page - Renesas Technology Corp SH7101 Datasheet HTML 248Page - Renesas Technology Corp SH7101 Datasheet HTML 249Page - Renesas Technology Corp SH7101 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 212 of 448
REJ09B0394-0200
8.7.10
Contention between Buffer Register Write and Input Capture
If an input capture signal is generated in the T2 state of a buffer register write cycle, the buffer
operation takes precedence and the write to the buffer register is not performed.
Figure 8.77 shows the timing in this case.
Input capture
signal
Write signal
Address
P
φ
TCNT
Buffer register write cycle
T1
T2
N
TGR
N
M
M
Buffer register
Buffer register
address
Figure 8.77 Contention between Buffer Register Write and Input Capture
8.7.11
TCNT_2 Write and Overflow/Underflow Contention in Cascade Connection
With timer counters TCNT_1 and TCNT_2 in a cascade connection, when a contention occurs
during TCNT_1 count (during a TCNT_2 overflow/underflow) in the T2 state of the TCNT_2
write cycle, the write to TCNT_2 is conducted, and the TCNT_1 count signal is disabled. At this
point, if there is match with TGRA_1 and the TCNT_1 value, a compare signal is issued.
Furthermore, when the TCNT_1 count clock is selected as the input capture source of channel 0,
TGRA_0 to D_0 carry out the input capture operation. In addition, when the compare match/input
capture is selected as the input capture source of TGRB_1, TGRB_1 carries out input capture
operation. The timing is shown in figure 8.78.
For cascade connections, be sure to synchronize settings for channels 1 and 2 when setting TCNT
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com