Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 244Page - Renesas Technology Corp SH7101 Datasheet HTML 245Page - Renesas Technology Corp SH7101 Datasheet HTML 246Page - Renesas Technology Corp SH7101 Datasheet HTML 247Page - Renesas Technology Corp SH7101 Datasheet HTML 248Page - Renesas Technology Corp SH7101 Datasheet HTML 249Page - Renesas Technology Corp SH7101 Datasheet HTML 250Page - Renesas Technology Corp SH7101 Datasheet HTML 251Page - Renesas Technology Corp SH7101 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 214 of 448
REJ09B0394-0200
8.7.12
Counter Value during Complementary PWM Mode Stop
When counting operation is stopped with TCNT_3 and TCNT_4 in complementary PWM mode,
TCNT_3 has the timer dead time register (TDDR) value, and TCNT_4 is set to H'0000.
When restarting complementary PWM mode, counting begins automatically from the initialized
state. This explanatory diagram is shown in figure 8.79.
When counting begins in another operating mode, be sure that TCNT_3 and TCNT_4 are set to
the initial values.
TGRA_3
TCDR
TDDR
H'0000
TCNT_3
TCNT_4
Complementary PWM
mode operation
Complementary PWM
mode operation
Counter
operation stop
Complementary
PMW restart
Figure 8.79 Counter Value during Complementary PWM Mode Stop
8.7.13
Buffer Operation Setting in Complementary PWM Mode
In complementary PWM mode, conduct rewrites by buffer operation for the PWM cycle setting
register (TGRA_3), timer cycle data register (TCDR), and duty cycle setting registers (TGRB_3,
TRGA_4, and TGRB_4).
In complementary PWM mode, channel 3 and channel 4 buffers operate in accordance with bit
settings BFA and BFB of TMDR_3. When TMDR_3's BFA bit is set to 1, TGRC_3 functions as a
buffer register for TGRA_3. At the same time, TGRC_4 functions as the buffer register for
TRGA_4, while the TCBR functions as the TCDR's buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com