| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 252 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 252 Page - Renesas Technology Corp |
|
252 / 486 page ![]() 8. Multi-Function Timer Pulse Unit (MTU) Rev.2.00 Sep. 27, 2007 Page 218 of 448 REJ09B0394-0200 8.7.17 Contention between TCNT Write and Overflow/Underflow If there is an up-count or down-count in the T2 state of a TCNT write cycle, and overflow/underflow occurs, the TCNT write takes precedence and the TCFV/TCFU flag in TSR is not set. Figure 8.83 shows the operation timing when there is contention between TCNT write and overflow. Write signal Address P φ TCNT address TCNT TCNT write cycle T1 T2 H'FFFF M TCNT write data TCFV flag Figure 8.83 Contention between TCNT Write and Overflow 8.7.18 Cautions on Transition from Normal Operation or PWM Mode 1 to Reset- Synchronous PWM Mode When making a transition from channel 3 or 4 normal operation or PWM mode 1 to reset- synchronous PWM mode, if the counter is halted with the output pins (TIOC3B, TIOC3D, TIOC4A, TIOC4C, TIOC4B, TIOC4D) in the high-impedance state, followed by the transition to reset-synchronous PWM mode and operation in that mode, the initial pin output will not be correct. When making a transition from normal operation to reset-synchronous PWM mode, write H'11 to registers TIOR3_H, TIOR3_L, TIOR4_H, and TIOR4_L to initialize the output pins to low level output, then set an initial register value of H'00 before making the mode transition. When making a transition from PWM mode 1 to reset-synchronous PWM mode, first switch to normal operation, then initialize the output pins to low level output and set an initial register value of H'00 before making the transition to reset-synchronous PWM mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |