Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 250Page - Renesas Technology Corp SH7101 Datasheet HTML 251Page - Renesas Technology Corp SH7101 Datasheet HTML 252Page - Renesas Technology Corp SH7101 Datasheet HTML 253Page - Renesas Technology Corp SH7101 Datasheet HTML 254Page - Renesas Technology Corp SH7101 Datasheet HTML 255Page - Renesas Technology Corp SH7101 Datasheet HTML 256Page - Renesas Technology Corp SH7101 Datasheet HTML 257Page - Renesas Technology Corp SH7101 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 220 of 448
REJ09B0394-0200
8.8
MTU Output Pin Initialization
8.8.1
Operating Modes
The MTU has the following six operating modes. Waveform output is possible in all of these
modes.
• Normal mode (channels 0 to 4)
• PWM mode 1 (channels 0 to 4)
• PWM mode 2 (channels 0 to 2)
• Phase counting modes 1 to 4 (channels 1 and 2)
• Complementary PWM mode (channels 3 and 4)
• Reset-synchronous PWM mode (channels 3 and 4)
The MTU output pin initialization method for each of these modes is described in this section.
8.8.2
Reset Start Operation
The MTU output pins (TIOC*) are initialized low by a reset or in standby mode. Since MTU pin
function selection is performed by the pin function controller (PFC), when the PFC is set, the
MTU pin states at that point are output to the ports. When MTU output is selected by the PFC
immediately after a reset, the MTU output initial level, low, is output directly at the port. When
the active level is low, the system will operate at this point, and therefore the PFC setting should
be made after initialization of the MTU output pins is completed.
Note:
Channel number and port notation are substituted for *.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com