Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 249Page - Renesas Technology Corp SH7101 Datasheet HTML 250Page - Renesas Technology Corp SH7101 Datasheet HTML 251Page - Renesas Technology Corp SH7101 Datasheet HTML 252Page - Renesas Technology Corp SH7101 Datasheet HTML 253Page - Renesas Technology Corp SH7101 Datasheet HTML 254Page - Renesas Technology Corp SH7101 Datasheet HTML 255Page - Renesas Technology Corp SH7101 Datasheet HTML 256Page - Renesas Technology Corp SH7101 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 219 of 448
REJ09B0394-0200
8.7.19
Output Level in Complementary PWM Mode and Reset-Synchronous PWM Mode
When channels 3 and 4 are in complementary PWM mode or reset-synchronous PWM mode, the
PWM waveform output level is set with the OLSP and OLSN bits in the timer output control
register (TOCR). In the case of complementary PWM mode or reset-synchronous PWM mode,
TIOR should be set to H'00.
8.7.20
Interrupts in Module Standby Mode
If module standby mode is entered when an interrupt has been requested, it will not be possible to
clear the CPU interrupt source. Interrupts should therefore be disabled before entering module
standby mode.
8.7.21
Simultaneous Input Capture of TCNT_1 and TCNT_2 in Cascade Connection
When timer counters 1 and 2 (TCNT_1 and TCNT_2) are operated as a 32-bit counter in cascade
connection, the cascade counter value cannot be captured successfully even if input-capture input
is simultaneously done to TIOC1A and TIOC2A or to TIOC1B and TIOC2B. This is because the
input timing of TIOC1A and TIOC2A or of TIOC1B and TIOC2B may not be the same when
external input-capture signals to be input into TCNT_1 and TCNT_2 are taken in synchronization
with the internal clock. For example, TCNT_1 (the counter for upper 16 bits) does not capture the
count-up value by overflow from TCNT_2 (the counter for lower 16 bits) but captures the count
value before the count-up. In this case, the values of TCNT_1 = H'FFF1 and TCNT_2 = H'0000
should be transferred to TGRA_1 and TGRA_2 or to TGRB_1 and TGRB_2, but the values of
TCNT_1 = H'FFF0 and TCNT_2 = H'0000 are erroneously transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com